Electronic Components Datasheet Search
  English  ▼

X  

MA672 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MA672
Description  Spartan Antenna 3in1 MA672 Low Profile Screw-Mount
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA672 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MA672 Datasheet HTML 1Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 2Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 3Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 4Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 5Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 6Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 7Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 8Page - List of Unclassifed Manufacturers MA672 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SPE-12-8-113/B/PK
Page 2 of 15
MA672.C305151.G305151.H305151
1. Introduction
The Spartan MA672 5.0~5.8GHz 3*MIMO antenna is a low profile, heavy-duty,
fully IP67 waterproof external M2M antenna for use in remote monitoring and
telematics applications.
The Spartan is unique in the market because it combines three 5.0~5.8GHz
antenna elements, heavy-duty antenna with high efficiency in a low profile
compact format. The antenna screws down permanently onto a roof or metal
panel and can be pole or wall-mounted. Two of the antenna elements are
vertically polarized and one is horizontally polarized to enable diversity gain
and improve MIMO throughput.
For industries such as remote monitoring, smart meter systems, construction
equipment, public safety at only 40mm high, the Spartan provides an
unobtrusive, robust, rugged antenna that is durable even in extreme
environments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com