Electronic Components Datasheet Search
  English  ▼

X  

MA700W Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MA700W
Description  Pantheon Antenna 3in1 MA700.W Screw-Mount
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MA700W Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MA700W Datasheet HTML 1Page - List of Unclassifed Manufacturers MA700W Datasheet HTML 2Page - List of Unclassifed Manufacturers MA700W Datasheet HTML 3Page - List of Unclassifed Manufacturers MA700W Datasheet HTML 4Page - List of Unclassifed Manufacturers MA700W Datasheet HTML 5Page - List of Unclassifed Manufacturers MA700W Datasheet HTML 6Page - List of Unclassifed Manufacturers MA700W Datasheet HTML 7Page - List of Unclassifed Manufacturers MA700W Datasheet HTML 8Page - List of Unclassifed Manufacturers MA700W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SPE-12-8-089/C/ZL
Page 2 of 29
MA700.W.A301111.B305111.C305111
1. Introduction
The Pantheon MA700.W antenna is an omni-directional heavy-duty, fully IP67 waterproof
external M2M antenna for use in telematics, transportation and remote monitoring applications.
The Pantheon series is designed for RF professionals who accept no performance compromises
whatsoever. The MA700.W combines a 3in1 GPS/GLONASS, Cellular 700MHz to 2200MHz
(2G/3G/4G) and 2.4GHz/5GHz antenna with the highest efficiency and peak gain possible. Unlike
our competitors who don’t measure cable loss the specification is measured at 3 meters (10ft) to
show real performance in the field. The antenna screws down permanently onto a roof or metal
panel and can be pole or wall-mounted. The white housing is ideal for mounting on white truck
roofs or cabs or industrial equipment.
All while still maintaining 20dB isolation between antennas. It uses high-shielded PTFE dielectric
ultra low-loss cables that maintain low attenuation at all frequency bands, and high noise
rejection, with an average loss of only 0.3dB per meter (0.1dB per foot), compared to 0.7dB for
RG58 and 1.2dB for RG174. Because of this, the Pantheon maximizes chances of passing PTCRB
and network approvals first time. The Pantheon also has excellent performance without need to
attach to an external ground-plane due to its internal antennas coupling to its unique super
strong integrated metal base. The antenna comes with a 3M adhesive waterproof layer to prevent
water leaking under the antenna into the mounting hole. The Pantheon can also be supplied in
single GPS/GLONASS, Cellular, Wi-Fi only versions, or at other frequencies.
Custom designed integrated wall mounted and pole mounted brackets are available for the
Pantheon antennas. These patent pending mounts allow for 180 degrees freedom of movement
of the antennas for ease of positioning while also preventing access to the cables so they cannot
be cut by vandals or thieves and also protecting the cables from long term weather exposure.
The removal of unsightly cables also leads to a cleaner more professional installation and look,
and makes the antenna less identifiable and more unobtrusive. Customized cable sleeves can be
supplied for extra protection where required.
Note: for ground-isolation antennas use the MA705.W version with Isolation Gaskets. Also
available in black.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com