Electronic Components Datasheet Search
  English  ▼

X  

LM139AD Datasheet(PDF) 14 Page - STMicroelectronics

Part # LM139AD
Description  Low-power quad voltage comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM139AD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LM139AD Datasheet HTML 8Page - STMicroelectronics LM139AD Datasheet HTML 9Page - STMicroelectronics LM139AD Datasheet HTML 10Page - STMicroelectronics LM139AD Datasheet HTML 11Page - STMicroelectronics LM139AD Datasheet HTML 12Page - STMicroelectronics LM139AD Datasheet HTML 13Page - STMicroelectronics LM139AD Datasheet HTML 14Page - STMicroelectronics LM139AD Datasheet HTML 15Page - STMicroelectronics LM139AD Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering information
LM139, LM239, LM339
14/16
Doc ID 2159 Rev 2
7
Ordering information
Table 7.
Order codes
Part number
Temperature
range
Package
Packing
Marking
LM139N
LM139AN
-55° C, +125° C
DIP14
Tube
LM139N
LM139AN
LM139D
LM139AD
SO-14
Tube
139
139A
LM139DT
LM139ADT
SO-14
Tape & reel
139
139A
LM139PT
LM139APT
TSSOP14
Tape & reel
139
139A
LM239N
LM239AN
-40° C, +105° C
DIP14
Tube
LM239N
LM239AN
LM239D
LM239AD
SO-14
Tube
239
239A
LM239DT
LM239ADT
SO-14
Tape & reel
239
239A
LM239PT
LM239APT
TSSOP14
Tape & reel
239
239A
LM339N
LM339AN
0° C, +70° C
DIP14
Tube
LM339N
LM339AN
LM339D
LM339AD
SO-14
Tube
339
339A
LM339DT
LM339ADT
SO-14
Tape & reel
339
339A
LM339PT
LM339APT
TSSOP14
Tape & reel
339
339A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com