Electronic Components Datasheet Search
  English  ▼

X  

PA11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA11
Description  2.4GHz Band Dielectric Ceramic PIFA SMT Antenna for Bluetooth/WLAN/Zigbee Applications
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA11 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA11 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA11 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA11 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA11 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA11 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA11 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA11 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA11 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SPE-11-8-091/A
05-Sep-11
Page 2 of 2
1.0 Scope
This specification covers the Dielectric PIFA Antenna for 2400-2484MHz, covering
such applications as Wi-Fi, Bluetooth and Zigbee. A ceramic dielectric
PIFA antenna offers smallest footprint, superior gain characteristics and improved
isolation over traditional PCB based antennas. This antenna has been developed for
the top right hand corner edge of the component side of the Board (bottom left
corner edge), the antenna has to be positioned on a non-ground (copper/metal free)
area with the feed-point matched direct to the module. Please refer to
Recommended Foot print Diagram (8.0 Page 13.).
2.0 Electrical Specifications
The antenna has the electrical characteristics given in Table 1 under the
Taoglas standard installation conditions as shown in the Evaluation Board.
figure.
No.
Parameter
Specification
1
Working Frequency
2400MHz ~ 2484MHz
2
Dimensions
10*4*3mm
3
Peak Gain
1.5 dBi max
4
Polarization
Linear
5
Impedance
50 Ω
6
VSWR
2.0 max
7
Operating Temperature
-40~+85°C
8
Termination
Ag(Environmentally Friendly Lead-Free)
* Data is measured on Taoglas Standard Reference PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com