Electronic Components Datasheet Search
  English  ▼

X  

STD815CP40 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD815CP40
Description  Complementary transistor pair in a single package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD815CP40 Datasheet(HTML) 2 Page - STMicroelectronics

  STD815CP40 Datasheet HTML 1Page - STMicroelectronics STD815CP40 Datasheet HTML 2Page - STMicroelectronics STD815CP40 Datasheet HTML 3Page - STMicroelectronics STD815CP40 Datasheet HTML 4Page - STMicroelectronics STD815CP40 Datasheet HTML 5Page - STMicroelectronics STD815CP40 Datasheet HTML 6Page - STMicroelectronics STD815CP40 Datasheet HTML 7Page - STMicroelectronics STD815CP40 Datasheet HTML 8Page - STMicroelectronics STD815CP40 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Electrical ratings
STD815CP40
2/11
Doc ID 14829 Rev 4
1
Electrical ratings
Note:
For PNP types voltage and current values are negative.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
NPN
PNP
VCBO
Collector-base voltage (IE = 0)
700
500
V
VCEO
Collector-emitter voltage (IB = 0)
400
V
VEBO
Emitter-base voltage (IC = 0, IB = 0.75 A, tp < 10 ms)
V(BR)EBO
V
IC
Collector current
1.5
A
ICM
Collector peak current (tP < 5 ms)
3
A
IB
Base current
0.75
A
IBM
Base peak current (tP < 1 ms)
1.5
A
PTOT
Total dissipation at Tamb = 25 °C single transistor
2.6
W
PTOT
Total dissipation at Tcase = 25 °C single transistor
45
W
TSTG
Storage temperature
- 65 to 150
°C
TJ
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
(1)
1.
When mounted on 25mm square pad of 2 oz. copper, t
≤10 sec.
Thermal resistance junction-ambient (single transistor)
48
°C/W
RthJC
(1)
Thermal resistance junction-case (single transistor)
2.7
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com