Electronic Components Datasheet Search
  English  ▼

X  

STD901T Datasheet(PDF) 4 Page - STMicroelectronics

Part # STD901T
Description  High voltage NPN Darlington transistor for ignition coil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD901T Datasheet(HTML) 4 Page - STMicroelectronics

  STD901T Datasheet HTML 1Page - STMicroelectronics STD901T Datasheet HTML 2Page - STMicroelectronics STD901T Datasheet HTML 3Page - STMicroelectronics STD901T Datasheet HTML 4Page - STMicroelectronics STD901T Datasheet HTML 5Page - STMicroelectronics STD901T Datasheet HTML 6Page - STMicroelectronics STD901T Datasheet HTML 7Page - STMicroelectronics STD901T Datasheet HTML 8Page - STMicroelectronics STD901T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical characteristics
ST901T, STD901T
4/12
Doc ID 4510 Rev 5
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified).
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(IE = 0)
VCE = 500 V
VCE = 500 V Tcase=125 °C
100
500
µA
µA
ICEO
Collector cut-off current
(IB = 0)
VCE = 350 V
VCE = 350 V Tcase = 125 °C
100
500
µA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
10
µA
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %
Collector-emitter
sustaining voltage
(IB = 0 )
IC = 10 mA
350
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 2 A
IB = 20 mA
2
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 2 A
IB = 20 mA
1.8
V
hFE
DC current gain
IC = 2 A
VCE = 2 V
IC = 4 A
VCE = 2 V
1800
500
3800
Functional test
VCC = 24 V Vclamp = 350 V
L = 4 mH
4A
ts
tf
Inductive load
storage time
fall time
VCC = 12 V
L = 4 mH
IC = 2 A
Vclamp = 250 V
IB(on) = 20 mA VBE(off) = -3 V
15
1.5
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com