Electronic Components Datasheet Search
  English  ▼

X  

STF15N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF15N65M5
Description  N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF15N65M5 Datasheet HTML 1Page - STMicroelectronics STF15N65M5 Datasheet HTML 2Page - STMicroelectronics STF15N65M5 Datasheet HTML 3Page - STMicroelectronics STF15N65M5 Datasheet HTML 4Page - STMicroelectronics STF15N65M5 Datasheet HTML 5Page - STMicroelectronics STF15N65M5 Datasheet HTML 6Page - STMicroelectronics STF15N65M5 Datasheet HTML 7Page - STMicroelectronics STF15N65M5 Datasheet HTML 8Page - STMicroelectronics STF15N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
November 2012
Doc ID 022863 Rev 2
1/17
17
STF15N65M5, STFI15N65M5,
STP15N65M5
N-channel 650 V, 0.308
Ω typ., 11 A MDmesh™ V Power MOSFET
in TO-220FP, I2PAKFP and TO-220 packages
Datasheet — production data
Features
Worldwide best RDS(on) * area
Higher VDSS rating and high dv/dt capability
Excellent switching performance
100% avalanche tested
Applications
Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order codes
VDS @
TJmax
RDS(on)
max
ID
STF15N65M5
710 V
< 0.34
Ω
11 A
STFI15N65M5
STP15N65M5
TO-220
TO-220FP
I2PAKFP
1
2
3
1
2
3
TAB
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STF15N65M5
15N65M5
TO-220FP
Tube
STFI15N65M5
I2PAKFP
STP15N65M5
TO-220
www.st.com


Similar Part No. - STF15N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
logo
Inchange Semiconductor ...
STF15N65M5 ISC-STF15N65M5 Datasheet
310Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF15N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
20-Jan-2009
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
03-Feb-2011
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
05-May-2011
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STB20N65M5 STMICROELECTRONICS-STB20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 typ., 18 A MDmesh V Power MOSFET in D2PAK, I2PAK
01-Feb-2013
CD00222640 STMICROELECTRONICS-CD00222640 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
12-Jun-2009
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
05-Mar-2013
STF11NM65N STMICROELECTRONICS-STF11NM65N Datasheet
1Mb / 21P
N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
15-Jul-2013
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
04-Dec-2012
STE139N65M5 STMICROELECTRONICS-STE139N65M5 Datasheet
1,021Kb / 13P
N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
13-Aug-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com