Electronic Components Datasheet Search
  English  ▼

X  

516117 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 516117
Description  DIELECTRIC RESONATOR OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

516117 Datasheet(HTML) 1 Page - API Technologies Corp

  516117 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Low Noise
Rugged Construction for Extreme Environmental Conditions
High Frequency Stability
Mechanically Tuned
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta = +25 ºC Ta = -55ºC to +85 ºC
Specifications
Absolute Maximum (No Damage) Ratings
Ambient Operating Temperature ............. -55ºC to +100 ºC
Storage Temperature ..............................-62ºC to +125 ºC
Case Temperature ............................................... +125 ºC
DC Voltage ....................................................... +24 Volts
Maximum DC Tuning Voltage ............................ +20 Volts
Minimum DC Tuning Voltage .................................. 0 Volts
Typical Performance Data
NOTE: Care should always be taken to effectively ground the case of
each unit.
Rev.
5/5/10
Frequency
11 - 12 GHz
11 - 12 GHz
Output Power (dBm)
+13.0
+10.0 Min.
Power Flatness (dBm)
+/- 1.5
+/- 3.0
Harmonics (dBc)
-20
-15 Max.
Spurious (dBc)
-80
-80 Max.
Phase Noise (11 GHz)
@ 100 KHz (dBc/Hz)
-121
-119 Max.
Load VSWR
1.5:1
2.0:1 Max.
Power
Vdc
+15
+15 to +20
m A
70
90 Max.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
Phase Noise
Typical
10 kHz
100 kHz
-72
-99
-121
Typical
-70
-97
-120
Offset
11 GHz
1 kHz
Mechanical Outline
Frequency Stability
(ppm)/ ºC
4
3 to 5
12 GHz
DIELECTRIC RESONATOR
OSCILLATOR
Model 516117
11 GHz to 12 GHz


Similar Part No. - 516117

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
516117 SPECTRUM-516117 Datasheet
123Kb / 1P
DIELECTRIC RESONATOR OSCILLATOR
More results

Similar Description - 516117

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
518038 SPECTRUM-518038 Datasheet
67Kb / 1P
DIELECTRIC RESONATOR OSCILLATOR
MDR2100-5500 SPECTRUM-MDR2100-5500 Datasheet
109Kb / 1P
Dielectric Resonator Oscillator
MDR2100-18500 SPECTRUM-MDR2100-18500 Datasheet
109Kb / 1P
Dielectric Resonator Oscillator
MDR5100 SPECTRUM-MDR5100 Datasheet
189Kb / 1P
Dielectric Resonator Oscillator
logo
API Technologies Corp
518038 APITECH-518038 Datasheet
179Kb / 1P
DIELECTRIC RESONATOR OSCILLATOR
515106 APITECH-515106 Datasheet
183Kb / 1P
DIELECTRIC RESONATOR OSCILLATOR
514060 APITECH-514060 Datasheet
178Kb / 1P
DIELECTRIC RESONATOR OSCILLATOR
514057 APITECH-514057 Datasheet
178Kb / 1P
DIELECTRIC RESONATOR OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DRO1024 SYNERGY-DRO1024 Datasheet
275Kb / 4P
DIELECTRIC RESONATOR OSCILLATOR
DRO80 SYNERGY-DRO80 Datasheet
417Kb / 3P
DIELECTRIC RESONATOR OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com