Electronic Components Datasheet Search
  English  ▼

X  

EPS Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # EPS
Description  Digital Contacting Encoder With Momentary Switch Option
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EPS Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  EPS Datasheet HTML 1Page - Bourns Electronic Solutions EPS Datasheet HTML 2Page - Bourns Electronic Solutions EPS Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
EPS - Digital Contacting Encoder With Momentary Switch Option
How to Order
PART NUMBERING SYSTEM
EP S
1 D
-
F
1
9
-
A
E
0
0
36
L
Encoder with Switch Option
Code
S
Description
9 mm flatted x 5.35 mm length
Threaded M9 x 0.75
BUSHING CONFIGURATION
Code
1
Description
Switch (Push Momentary)
SWITCH OPTION
Code
J
D
Description
9:00 Position
None
ANTI-ROTATION LUG POSITION
Code
L
Blank
Description
Compliant
Non-Compliant
RoHS IDENTIFIER
Code
E0006
E0009
E0012
E0024
E0036
D0024
PERFORMANCE CODE
Cycles/Rev.
6
9
12
24
36
24
Detents
0
0
0
0
0
24
Features
Terminal (Rear Mounting)
Mounting Hardware Included
HOUSING TERMINAL CONFIGURATION
(X indicates “Equipped With”
Code
A
X
X
B
X
Code
19
SHAFT LENGTH (FMS)
Available
Shaft Styles
F
Description
Length (19/32)
Code
F
Description
Flatted (4.8 mm Dia.)
SHAFT STYLE (See Outline Drawing for Details)
REV. 05/11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com