Electronic Components Datasheet Search
  English  ▼

X  

A62S7316 Datasheet(PDF) 2 Page - AMIC Technology

Part # A62S7316
Description  128K X 16 BIT LOW VOLTAGE CMOS SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A62S7316 Datasheet(HTML) 2 Page - AMIC Technology

  A62S7316 Datasheet HTML 1Page - AMIC Technology A62S7316 Datasheet HTML 2Page - AMIC Technology A62S7316 Datasheet HTML 3Page - AMIC Technology A62S7316 Datasheet HTML 4Page - AMIC Technology A62S7316 Datasheet HTML 5Page - AMIC Technology A62S7316 Datasheet HTML 6Page - AMIC Technology A62S7316 Datasheet HTML 7Page - AMIC Technology A62S7316 Datasheet HTML 8Page - AMIC Technology A62S7316 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
A62S7316 Series
Preliminary
128K X 16 BIT LOW VOLTAGE CMOS SRAM
PRELIMINARY
(March, 2001, Version 0.2)
1
AMIC Technology, Inc.
Features
n Operating voltage: 2.7V to 3.6V
n Access times: 55ns (max.): for VCC = 3.0V to 3.6V
70ns (max.): for VCC = 2.7V to 3.6V
n Current:
A62S7316-S series:
Operating: 50mA (max.)
Standby:
10
µA (max.)
A62S7316-SI series:
Operating: 50mA (max.)
Standby:
15
µA (max.)
n Extended operating temperature range : -25
°C to 85°C
for -SI series
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL-compatible
n Common I/O using three-state output
n Data retention voltage: 2V (min.)
n Available in 44-pin TSOP and 48-ball Mini BGA (6X8)
packages.
General Description
The A62S7316 is a low operating current 2,097,152-bit
static random access memory organized as 131,072
words by 16 bits and operates on low power supply
voltage from 2.7V to 3.6V. It is built using AMIC’s high
performance CMOS process.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
The chip enable input is provided for POWER-DOWN,
device enable. Two byte enable inputs and an output
enable input are included for easy interfacing.
Data retention is guaranteed at a power supply voltage
as low as 2V.
Pin Configuration
n TSOP (Type II)
1
A4
A3
A2
A1
A0
CE
I/O0
I/O1
I/O2
I/O3
VCC
GND
I/O4
I/O5
I/O6
I/O7
23
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A5
A6
A7
OE
HB
LB
I/O15
I/O14
I/O13
I/O12
VCC
GND
I/O11
I/O10
I/O9
I/O8
17
18
19
20
21
22
24
25
26
27
28
29
WE
A16
A15
A14
A13
A12
NC
A8
A9
A10
A11
NC
n Mini BGA (6X8) Top View
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
NC
B
I/O8
HB
A3
A4
CS
I/O0
C
I/O9
I/O10
A5
A6
I/O1
I/O2
D
VSS
I/O11
NC
A7
I/O3
VCC
E
VCC
I/O12
NC
A16
I/O4
VSS
F
I/O14
I/O13
A14
A15
I/O5
I/O6
G
I/O15
NC
A12
A13
WE
I/O7
H
NC
A8
A9
A10
A11
NC
A62S7316G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com