Electronic Components Datasheet Search
  English  ▼

X  

LS6525 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS6525
Description  BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6525 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS6525 Datasheet HTML 1Page - LSI Computer Systems LS6525 Datasheet HTML 2Page - LSI Computer Systems LS6525 Datasheet HTML 3Page - LSI Computer Systems LS6525 Datasheet HTML 4Page - LSI Computer Systems LS6525 Datasheet HTML 5Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
6525-030713-5
L1 68nH
C1 1
μF
C2 1
μF
R1 2M
Ω
C3 1
μF
R2 10k
Ω
C4 47pF
R3 4.7M
Ω
C5 47pF
R4 442k
Ω
C6 3.3
μF
R5 1M
Ω
C7 1
μF
R6 10M
Ω
C8 3.3nF
R7 100k
Ω
C9 0.16
μF
R8 2M
Ω
C10 10
μF
R9 10M
Ω
R10 100k
Ω
B1 Typical battery used: 3V CR123A Lithium
PIR Excelitas LHI968 Pyro (Typical)
Figure 3 Application schematic for LS6526.
For the LS6525, pin 10 has no connection. The gain of AMP2 is set using R6 and R4 to a nominal gain of 22V/V. The MCU amplifier
gain is set to 10V/V using R9 and R5. R10-C9 and R7-C8 are additional filter stages for the MCO and INT outputs when applied to the
microcontroller.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com