Electronic Components Datasheet Search
  English  ▼

X  

LS7636FO Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7636FO
Description  REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7636FO Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7636FO Datasheet HTML 1Page - LSI Computer Systems LS7636FO Datasheet HTML 2Page - LSI Computer Systems LS7636FO Datasheet HTML 3Page - LSI Computer Systems LS7636FO Datasheet HTML 4Page - LSI Computer Systems LS7636FO Datasheet HTML 5Page - LSI Computer Systems LS7636FO Datasheet HTML 6Page - LSI Computer Systems LS7636FO Datasheet HTML 7Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
7636-041709-6
C1 = 100uF
R6 = 47kΩ
D3 = 1N4004
C2 = 0.0047uF
R6 = 91kΩ
D4 = 1N4004
C3 = 0.047uF
R7 = 47kΩ
D5 = DF02
C4 = 0.1uF
R7 = 91kΩ
D5 = DF04
R1 = 150kΩ
R8 = 10kΩ
Q1 = MJE340 (or equivalent)
R1 = 270kΩ, 1/2W
R9 = 0.25Ω, 1W (
For 1 Amp RMS Max)
Q2 = Liteon LTV354T (or equivalent)
R2 = 390Ω
R10 = 4.3kΩ, 1/2W
Q3 = IRF630 (Typical)
R3 = 39kΩ
D1 = 12V, 1/2W, 5%
Q3 = IRF730 (Typical)
R4 = 1.5MΩ
D2 = 5.6V, 1/4W, 10%
R5 = 150kΩ
All Resistors 1/4W, All Capacitors 25V unless otherwise specified
* = Component change for 220VAC
*
*
*
FIGURE 5. Reverse Phase Dimmer (Option 2)
*
*
VDD
MODE
TEST
SYNC
GATE
VSS
OVC
SENS/
SENSE
SWITCH
3
4
2
1
Q2
C2
R3
+
C1
D1
C4
R8
LOAD
TRANSFORMER
P
D2
R2
Q1
R1
N
R5
C3
R4
R6
VDD
1
2
3
Q3
EXT
SWITCH
+
-
U3
LS7636
R7
D3
D4
R9
D5
1
2
3
4
5
6
7
8
R10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com