Electronic Components Datasheet Search
  English  ▼

X  

RDD106 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # RDD106
Description  SELECTABLE 6 DECADE CMOS DIVIDER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

RDD106 Datasheet(HTML) 2 Page - LSI Computer Systems

  RDD106 Datasheet HTML 1Page - LSI Computer Systems RDD106 Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS:
(CL = 50 pF, TA = 25°C)
VDD
MIN
MAX UNIT
Clock Input Frequency
3.0V
0
5
MHz
4.5V
0
10
MHz
10V
0
20
MHz
15V
0
30
MHz
Clock Output Propagation Delay,
4.5V
-
30
ns
CL = 15pF
10V
-
15
ns
Output Rise & Fall Times
4.5V
-
40
ns
10V
-
20
ns
Propagation Delay to Output
4.5V
-
160 ns
(per decade)
10V
-
75
ns
Reset Pulse Width
4.5V 160
-
ns
10V
75
-
ns
Reset Removal Time
4.5V
-
160
ns
10V
-
75
ns
Reset Propagation Delay
4.5V
-
200
ns
to Output
10V
-
100
ns
Select Input Setup Time
4.5V
-
100
ns
10V
-
50
ns
Freq
Dynamic VDD Current
5MHz
3.0V
-
0.3
mA
10MHz
4.5V
-
1.0
mA
20MHz
10V
-
6.5
mA
30MHz
15V
-
17
mA
FIGURE 5. TYPICAL INPUT
If input signals are less than VSS or greater than VDD,
a series input resistor, R1, should be used to limit the
maximum input current to 2mA.
RDD106-081007-2
TYPICAL OSCILLATOR CIRCUIT - 10MHz TO 30MHz
Pin 6
10M
Pin 5
FIGURE 2
10pF
10pF
TYPICAL OSCILLATOR CIRCUIT WITH TRIM - 2MHz AND BELOW
Pin 5
Pin 6
10M
22k
22pF
40pF
FIGURE 3
Pin 5
Pin 6
22pF
10M
FIGURE 4
TYPICAL OSCILLATOR CIRCUIT WITH TRIM - 2MHz TO 10MHz
22pF
40pF
CLOCK
INPUT
SIGNAL
R1
VSS
VDD
V DD
5
VSS
BUFFER
+V
-V
1 OUT OF 6 SELECTOR
DECODER
8
3
7
5
4
1
2
FIGURE 6
RDD 106 BLOCK DIAGRAM
CLOCK
GENERATOR
÷
÷10
÷10
10
R
CLOCK IN
CLOCK OUT
RESET
DIVIDER SELECT-1
DIVIDER SELECT-2
6
OSCILLATOR
EXTERNAL
COMPONENTS
OUTPUT
VDD
VSS
÷10
÷10
÷10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com