Electronic Components Datasheet Search
  English  ▼

X  

L7C109 Datasheet(PDF) 15 Page - LOGIC Devices Incorporated

Part # L7C109
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109 Datasheet(HTML) 15 Page - LOGIC Devices Incorporated

Back Button L7C109 Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109 Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109 Datasheet HTML 9Page - LOGIC Devices Incorporated L7C109 Datasheet HTML 10Page - LOGIC Devices Incorporated L7C109 Datasheet HTML 11Page - LOGIC Devices Incorporated L7C109 Datasheet HTML 12Page - LOGIC Devices Incorporated L7C109 Datasheet HTML 13Page - LOGIC Devices Incorporated L7C109 Datasheet HTML 14Page - LOGIC Devices Incorporated L7C109 Datasheet HTML 15Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
LOGIC Devices Incorporated reserves the right to make corrections, modifications, enhancements, improvements, and other changes to its
products and services at any time and to discontinue any product or service without notice. Customers should obtain the latest relevant informa-
tion before placing orders and should verify that such information is current and complete. LOGIC Devices does not assume any liability arising out
of the application or use of any product or circuit described herein. In no event shall any liability exceed the product purchase price. Products of
LOGIC Devices are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursu-
ant to an express written agreement with LOGIC Devices. Furthermore, LOGIC Devices does not authorize its products for use as critical compo-
nents in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user.
LOGIC Devices Incorporated
www.logicdevices.com
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
15
128K x 8 Static RAM
L7C108
L7C109
Revision History L7C108/L7C109
Revision Engineer Issue Date Description Of Change
A
B
C
D
E
F
COM
DH
DH
10/8/2008
10/30/2008
07/02/2009
06/11/10
07/30/10
08/11/10
Initial Release
Datasheet Format Revision
Updated specs:
1.
Added 10ns & 12 speed columns in ICC1 table
2.
Added 10ns speed and AC specs in the AC table
3.
Updated all DC power specs in DC table
4.
Corrected symbol names in AC and Timing diagrams
5.
Added speed bin to ordering info table
6.
Removed commercial temp offering
7.
Added an extended temp offering
Revisions:
1.
Removed 10 & 12ns bins
2.
3.
4.
5.
Increased ICC1, ICC2, and ICC4@2V for standard power
6.
Increased ICC2 and ICC4@2V for low power
7.
Removed appropriate DSCC and LOGIC part numbers from ordering tables and PN generator
8.
9.
Updated mechanical drawings for all packages
Revisions:
1.
2.
Updated order information chart to reflect current package availabilities.
3.
Changed ICC2 conditions to match ICC3 conditions.
4.
Changed operating current to be calculated during the READ cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com