Electronic Components Datasheet Search
  English  ▼

X  

PEC11L Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC11L
Description  11 mm Low Profi le Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11L Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC11L Datasheet HTML 1Page - Bourns Electronic Solutions PEC11L Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12.8
(.504)
11.8
(.465)
13.2
(.520)
F
L ± 0.5
(L ± .020)
0.75
(.030)
M7XP
3 PLCS.
0.5
(.020)
C
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 3 PLCS.
1.4
(.055)
2.1
(.083)
2.0
(.079)
7.5
(.295)
6.0
(.236)
6.0
(.236)
7.5
(.295)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
5.0
(.197)
5.0
(.197)
5.0
(.197)
4.5
(.177)
DIA.
L
A
C
P
18 TEETH
KNURLED
5.0
(.197)
1.0
(.039)
6.0 +0/-0.1
(.236 +0/-.004)
AC
B
12.8
(.504)
11.8
(.465)
5.0
(.197)
13.2
(.520)
F
L ± 0.5
(L ± .020)
0.75
(.030)
M7XP
SWITCH TRAVEL
0.5 +0.4/-0.3
(.020 +.016/-.012)
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 5 PLCS.
1.4
(.055)
2.1
(.083)
SW
A
12
CB
2.0
(.079)
7.5
(.295)
7.0
(.276)
6.0
(.236)
6.0
(.236)
7.5
(.295)
7.0
(.276)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
5.0
(.197)
5.0
(.197)
5.0
(.197)
3.7
(.146)
3.7
(.146)
4.5
(.177)
PEC11L-4xxxF-Sxxxx
PEC11L-4xxxF-Nxxxx
3.7
(.146)
0.8
(.031)
13.6
(.535)
REV. 11/13
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PEC11L Series - 11 mm Low Profile Encoder
Product Dimensions
DIMENSIONS:
MM
(INCHES)
LB
F
P
A
C
15
(.591)
5.0
(.197)
7.0
(.276)
7.0
(.276)
6.0
(.236)
7.0
(.276)
20
(.787)
7.0
(.276)
10.0
(.394)
7.0
(.276)
6.0
(.236)
7.0
(.276)
25
(.984)
7.0
(.276)
12.0
(.472)
12.0
(.472)
10.0
(.394)
11.0
(.433)
Applications
Level control, tuning and timer settings in:
■ Audio-visual equipment
■ Consumer electric appliances
■ Environmental controls
■ Musical instrumentation
■ Communications equipment
Quadrature Output Table
A Signal
CW
D
ON
OFF
B Signal
CCW
Suggested Filter Circuit
Switch Circuit
12
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01
μF
0.01
μF
ENCODER
Dim.
Tol.
<10.0
(<.394)
±0.3
(±.012)
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com