Electronic Components Datasheet Search
  English  ▼

X  

ADM231L Datasheet(PDF) 18 Page - Analog Devices

Part # ADM231L
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM231L Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM231L Datasheet HTML 12Page - Analog Devices ADM231L Datasheet HTML 13Page - Analog Devices ADM231L Datasheet HTML 14Page - Analog Devices ADM231L Datasheet HTML 15Page - Analog Devices ADM231L Datasheet HTML 16Page - Analog Devices ADM231L Datasheet HTML 17Page - Analog Devices ADM231L Datasheet HTML 18Page - Analog Devices ADM231L Datasheet HTML 19Page - Analog Devices ADM231L Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 18 of 20
Model
Temperature Range
Package Description
Package Option
ADM238LAN
–40°C to +85°C
24-lead PDIP
N-24-1
ADM238LAQ
–40°C to +85°C
24-lead CERDIP
Q-24
ADM238LAR
–40°C to +85°C
24-lead SOIC
R-24
ADM238LAR-REEL
–40°C to +85°C
24-lead SOIC
R-24
ADM238LARZ1
–40°C to +85°C
24-lead SOIC
R-24
ADM238LARZ-REEL1
–40°C to +85°C
24-lead SOIC
R-24
ADM239LJN
0°C to 70°C
24-lead PDIP
N-24-1
ADM239LJR
0°C to 70°C
24-lead SOIC
R-24
ADM239LJR-REEL
0°C to 70°C
24-lead SOIC
R-24
ADM239LJRZ1
0°C to 70°C
24-lead SOIC
R-24
ADM239LJRZ-REEL1
0°C to 70°C
24-lead SOIC
R-24
ADM239LAN
–40°C to +85°C
24-lead PDIP
N-24-1
ADM239LAQ
–40°C to +85°C
24-lead CERDIP
Q-24
ADM239LAR
–40°C to +85°C
24-lead SOIC
R-24
ADM239LAR-REEL
–40°C to +85°C
24-lead SOIC
R-24
ADM241LJR
0°C to 70°C
28-lead SOIC
R-28
ADM241LJR-REEL
0°C to 70°C
28-lead SOIC
R-28
ADM241LJRZ1
0°C to 70°C
28-lead SOIC
R-28
ADM241LJRZ-REEL1
0°C to 70°C
28-lead SOIC
R-28
ADM241LAR
–40°C to +85°C
28-lead SOIC
R-28
ADM241LAR-REEL
–40°C to +85°C
28-lead SOIC
R-28
ADM241LJRS
0°C to 70°C
28-lead SSOP
RS-28
ADM241LJRS-REEL
0°C to 70°C
28-lead SSOP
RS-28
ADM241LARS
–40°C to +85°C
28-lead SSOP
RS-28
ADM241LARS-REEL
–40°C to +85°C
28-lead SSOP
RS-28
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com