Electronic Components Datasheet Search
  English  ▼

X  

ADM233L Datasheet(PDF) 17 Page - Analog Devices

Part # ADM233L
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM233L Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM233L Datasheet HTML 12Page - Analog Devices ADM233L Datasheet HTML 13Page - Analog Devices ADM233L Datasheet HTML 14Page - Analog Devices ADM233L Datasheet HTML 15Page - Analog Devices ADM233L Datasheet HTML 16Page - Analog Devices ADM233L Datasheet HTML 17Page - Analog Devices ADM233L Datasheet HTML 18Page - Analog Devices ADM233L Datasheet HTML 19Page - Analog Devices ADM233L Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 17 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADM231LJN
0°C to 70°C
14-lead PDIP
N-14
ADM231LJR
0°C to 70°C
16-lead SOIC
R-16
ADM231LJR-REEL
0°C to 70°C
16-lead SOIC
R-16
ADM231LJRZ-REEL1
0°C to 70°C
16-lead SOIC
R-16
ADM231LAN
–40°C to +85°C
14-lead PDIP
N-14
ADM231LAQ
–40°C to +85°C
14-lead CERDIP
Q-14
ADM231LAR
–40°C to +85°C
16-lead SOIC
R-16
ADM231LAR-REEL
–40°C to +85°C
16-lead SOIC
R-16
ADM232LJR
0°C to 70°C
16-lead SOIC
R-16
ADM232LJR-REEL
0°C to 70°C
16-lead SOIC
R-16
ADM232LJRZ1
0°C to 70°C
16-lead SOIC
R-16
ADM232LJRZ-REEL71
0°C to 70°C
16-lead SOIC
R-16
ADM232LAN
–40°C to +85°C
16-lead PDIP
N-16
ADM232LAR
–40°C to +85°C
16-lead SOIC
R-16
ADM232LAR-REEL
–40°C to +85°C
16-lead SOIC
R-16
ADM232LARZ1
–40°C to +85°C
16-lead SOIC
R-16
ADM232LARZ-REEL1
–40°C to +85°C
16-lead SOIC
R-16
ADM232LJN
0°C to 70°C
20-lead PDIP
N-16
ADM232LJNZ1
0°C to 70°C
20-lead PDIP
N-16
ADM233LJN
0°C to 70°C
20-lead PDIP
N-20
ADM233LAN
–40°C to +85°C
20-lead PDIP
N-20
ADM234LJN
0°C to 70°C
16-lead PDIP
N-16
ADM234LJR
0°C to 70°C
16-lead SOIC
R-16
ADM234LJR-REEL
0°C to 70°C
16-lead SOIC
R-16
ADM234LJRZ1
0°C to 70°C
16-lead SOIC
R-16
ADM234LJRZ-REEL1
0°C to 70°C
16-lead SOIC
R-16
ADM234LAN
–40°C to +85°C
16-lead PDIP
N-16
ADM234LAQ
–40°C to +85°C
16-lead CERDIP
Q-16
ADM234LAR
–40°C to +85°C
16-lead SOIC
R-16
ADM234LAR-REEL
–40°C to +85°C
16-lead SOIC
R-16
ADM236LJN
0°C to 70°C
24-lead PDIP
N-24-1
ADM236LJR
0°C to 70°C
24-lead SOIC
R-24
ADM236LJR-REEL
0°C to 70°C
24-lead SOIC
R-24
ADM236LAN
–40°C to +85°C
24-lead PDIP
N-24-1
ADM236LAR
–40°C to +85°C
24-lead SOIC
R-24
ADM236LAR-REEL
–40°C to +85°C
24-lead SOIC
R-24
ADM237LJN
0°C to 70°C
24-lead PDIP
N-24-1
ADM237LJR
0°C to 70°C
24-lead SOIC
R-24
ADM237LJR-REEL
0°C to 70°C
24-lead SOIC
R-24
ADM237LJRZ1
0°C to 70°C
24-lead SOIC
R-24
ADM237LJRZ-REEL1
0°C to 70°C
24-lead SOIC
R-24
ADM237LAN
–40°C to +85°C
24-lead PDIP
N-24-1
ADM237LAQ
–40°C to +85°C
24-lead CERDIP
Q-24
ADM237LAR
–40°C to +85°C
24-lead SOIC
R-24
ADM237LAR-REEL
–40°C to +85°C
24-lead SOIC
R-24
ADM238LJN
0°C to 70°C
24-lead PDIP
N-24-1
ADM238LJNZ1
0°C to 70°C
24-lead PDIP
N-24-1
ADM238LJR
0°C to 70°C
24-lead SOIC
R-24
ADM238LJR-REEL
0°C to 70°C
24-lead SOIC
R-24
ADM238LJRZ1
0°C to 70°C
24-lead SOIC
R-24
ADM238LJRZ-REEL1
0°C to 70°C
24-lead SOIC
R-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com