Electronic Components Datasheet Search
  English  ▼

X  

OPR3201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OPR3201
Description  Barcode laser scanner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPR3201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OPR3201 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPR3201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OPR3201_003
Basic Product Specifications
Operating indicators
Visual: 1 LED / large LED (red/green/orange)
•
Non-visual: Buzzer
•
Operating keys
Entry options:
•
1 scan key
Communication
RS232: DB9 PTF connector with external power
•
supply
Keyboard Wedge: MiniDIN6 F/M connector
•
USB: Ver. 1.1, HID/VCP, USB-A connector
•
Power
Voltage requirement: 5V
•
± 10% (Keyboard Wedge
and USB), 6V (min. 4.5, max. 6.5V) (RS232)
Current consumption: Max. 100 mA (typical use)
•
Barcode scanner Optics
Light source: 650 nm visible laser diode
•
Scan method: Bi-directional scanning
•
Scan rate: 100 scans/sec
•
Trigger mode: Manual, auto-trigger, stand detection
•
Reading pitch angle: -35 to 0°, 0 to +35°
•
Reading skew angle: -50 to -8°, +8 to +50°
•
Reading tilt angle: -20 to 0°, 0 to +20°
•
Curvature: R>15 mm (EAN8), R>20 mm (EAN13)
•
Min. resolution at PCS 0.9: 0.127 mm / 5 mil
•
Min. PCS value: 0.35
•
Depth of field: At PCS 0.9, Code 39
•
40 - 500 mm / 1.57 - 19.69 in (1.0 mm / 39 mil),
20 - 350 mm / 0.79 - 13.78 in (0.5 mm / 20 mil),
20 - 200 mm / 0.79 - 7.87 in (0.25 mm / 10 mil),
20 - 100 mm / 0.79 - 3.94 in (0.15 mm / 6 mil),
30 - 70 mm / 1.18 - 2.76 in (0.127 mm / 5 mil)
Supported Symbologies
Barcode (1D): JAN/UPC/EAN incl. add on, Codabar/
•
NW-7, Code 11, Code 39, Code 93, Code 128, GS1-128
(EAN-128), GS1 DataBar (RSS), IATA, Industrial 2of5,
Interleaved 2of5, ISBN-ISMN-ISSN, Matrix 2of5, MSI/
Plessey, S-Code, Telepen, Tri-Optic, UK/Plessey
Postal code: Chinese Post, Korean Postal Authority
•
code
2D code: Composite codes, MicroPDF417, PDF417
•
Durability
Temperature in operation: -5 to 50 °C / -23 to 122 °F
•
Temperature in storage: -20 to 60 °C / -4 to 140 °F
•
Humidity in operation: 5 - 95% (non-condensing)
•
Humidity in storage: 5 - 90% (non-condensing)
•
Ambient light immunity: White 3,000 lx max,
•
Fluorescent 3,000 lx max, Direct sun 50,000 lx max
Drop test: 1.5 m / 5 ft drop onto concrete surface
•
Vibration test: 10 - 100 Hz with 2G for 1 hour
•
Protection rate: IP 42
•
Physical
Dimensions (w x h x d):
•
56 x 149 x 109 mm / 2.20 x 5.87 x 4.29 in
Dimensions stand (w x h x d):
•
146 x 106 x 295 mm / 5.75 x 4.17 x 11.61 in
(excl. scanner)
Weight body: Ca. 80 g / 2.8 oz (excl. cable)
•
Case: ABS, Black or White
•
Weight stand: 385 g / 13.58oz
•
Regulatory & Safety
Product compliance: CE, FCC, VCCI, RoHS,
•
JIS-C-6802 Class 2, IEC 60825-1 Class 2, FDA CDRH
Class II
Enclosed items
Power supply 100-240V/0.5A, 50/60 Hz, 6V/2A (for
•
RS232)
Stand
•
Models
Interface versions: RS232, Keyboard Wedge, USB
•
Color versions: Black, White
•
Package versions: Stand included, Scanner only
•
WW W . O P T I C ON . C O M
Copyright Opticon. All rights reserved. This information is subject to change without prior notice. For availability, contact your local representative.
- The Netherlands:
Hoofddorp
- France:
Issy Les Moulineaux
- Germany:
Dietzenbach
- Italy:
Castel Maggiore (BO)
- Spain:
Valencia
- Sweden:
Järfälla
- United Kingdom:
Luton, Bedfordshire
- U.S.A.:
Renton, WA
- Japan:
Warabi City
- Taiwan:
Taipei
- P.R.China:
Shanghai
- Australia:
Kariong
- Brazil:
São Paulo
Opticon Limited
960 Capability Green
Luton, Bedfordshire
LU1 3PE United Kingdom
phone: +44 (0)1582-635100
fax: +44 (0)1582-635200
email: sales@opticon.co.uk
internet: www.opticon.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com