Electronic Components Datasheet Search
  English  ▼

X  

ZMY20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ZMY20
Description  Silicon planar power Zener diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZMY20 Datasheet(HTML) 4 Page - Vishay Siliconix

  ZMY20 Datasheet HTML 1Page - Vishay Siliconix ZMY20 Datasheet HTML 2Page - Vishay Siliconix ZMY20 Datasheet HTML 3Page - Vishay Siliconix ZMY20 Datasheet HTML 4Page - Vishay Siliconix ZMY20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ZMY3V9 to ZMY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 06-Dec-11
4
Document Number: 85788
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Breakdown Characteristics
Fig. 8 - Breakdown Characteristics
PACKAGE DIMENSIONS in millimeters (inches): MELF DO-213AB (glass)
0
5
10
15
202530
35
40
45 50 V
10
20
30
40
50
60
mA
I
Z
V
Z
18310
T
j = 25 °C
ZMY...
Test Current l
Z
25 mA
10 mA
ZMY22
ZMY18
ZMY27
ZMY33
ZMY15
ZMY39
ZMY47
0
0
100
200 V
0
10
20
mA
I
Z
V
Z
18311
50
150
Test Current l
Z
10 mA
5 mA
Tj = 25 °C
ZMY56
ZMY68
ZMY82
ZMY100
ZMY...
18317
Foot print recommendation:
The gap between plug and glass can
be either on cathode or anode side
Cathode identification
4.00 (0.157)
max.
1.25 (0.049)
min.
ref.
6.50 (0.256)
2.6 (0.102)
2.4 (0.094)
0.55 (0.022)
5.2 (0.205)
4.8 (0.189)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com