Electronic Components Datasheet Search
  English  ▼

X  

CX1HSM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX1HSM
Description  Miniature Surface Mount Quartz Crystal for Series Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX1HSM Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX1HSM Datasheet HTML 1Page - STATEK CORPORATION CX1HSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
10 kHz to 600 kHz
Standard Calibration Tolerance1 (see table below)
Motional Resistance (R1)
Figure 1
MAX.: 10-169.9 kHz, 2x Typ.
170-600 kHz, 2.5x Typ.
Motional Capacitance (C1) Figure 2
Quality Factor (Q)
Figure 3
Min. is 0.25x Typ.
Shunt Capacitance (C0)
2.0 pF MAX
Drive Level
10-24.9 kHz 1.5 µW MAX
25-600 kHz 3.0 µW MAX
Turning Point (T0)2
Figure 4
Temperature Coefficient (k) -0.035 ppm/OC2
Aging, first year
5 ppm MAX
Shock, survival3
1,000 g, 1ms, 1/2 sine
Vibration, survival3
20 g RMS, 10-2,000 Hz
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature 260O C for 20 sec.
1. Tighter frequency calibration available.
2. Other turning point available.
3. Higher shock and vibration available.
CX1HSM Standard Calibration Tolerance at 25OC
Frequency Range (kHz)
10-74.9
75-169.9
170-249.9
250-600
30 ppm
50 ppm
100 ppm
200 ppm
(0.003%)
(0.005%)
(0.01%)
(0.02%)
100 ppm
100 ppm
200 ppm
500 ppm
(0.01%)
(0.01%)
(0.02%)
(0.05%)
1000 ppm
1000 ppm
2000 ppm
5000 ppm
(0.1%)
(0.1%)
(0.2%)
(0.5%)
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Operating Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10122 - Rev E
HOW TO ORDER CX1HSM CRYSTALS
CX1H
S
C
SM1 32.768K
,
30
/
I
TERMINATIONS
Designation
Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
Blank= Glass Lid
C=Ceramic Lid
PACKAGING
CX1HSM
- Tray Pack
- 16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
FIGURE 1
CX1H TYPICAL MOTIONAL RESISTANCE (R1)
FIGURE 2
CX1H TYPICAL MOTIONAL CAPACITANCE (C
1)
FIGURE 4
CX1H TYPICAL TURNING POINT TEMP. (T
0)
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
Calibration
Tolerance
@ 25OC
(in ppm)
“S” if special or
custom design.
Blank if Std.
SM1 = Gold Plated (Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated (Lead Free)
SM5 = Solder Dipped (Lead Free)
Frequency
K = kHz
f-f0
=
k(T-T0)
2
f0
FIGURE 3
CX1H TYPICAL QUALITY FACTOR (Q)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com