Electronic Components Datasheet Search
  English  ▼

X  

CX4VHT Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CX4VHT
Description  HIGH TEMPERATURE CRYSTALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX4VHT Datasheet(HTML) 1 Page - STATEK CORPORATION

  CX4VHT Datasheet HTML 1Page - STATEK CORPORATION CX4VHT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUGGESTED LAND PATTERN
DESCRIPTION
An increasing number of applications require the use of
high-temperature crystals. For these applications, Statek
offers the CX1VHT/CX1HHT, CX4VHT, and CX9VHT
crystals. These crystals are designed to operate at
temperatures up to and including 200ºC, and feature an
expected life in excess of 1,000 hours at these
temperatures. The frequency range offered is 10 kHz to
600 kHz for CX1VHT and CX1HHT crystals, 30 kHz to
250 kHz for CX4VHT crystals, and 32 kHz to 160 kHz for
CX9VHT crystals.
FEATURES
High temperature operation up to 200OC
High shock resistance
Hermetically sealed ceramic package
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
APPLICATIONS
Industrial
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
PACKAGE DIMENSIONS
CX1VHT/
CX1HHT
CX4VHT
CX9VHT
MAXIMUM
MAXIMUM
MAXIMUM
DIM
inches
mm
inches
mm
inches
mm
A
0.330
8.38
0.210
5.33
0.170
4.32
B
0.155
3.94
0.085
2.16
0.068
1.73
C (SM1)
0.070
1.78
0.050
1.27
0.038
0.97
C (SM5)
0.075
1.90
0.053
1.35
0.040
1.02
D
0.055
1.40
0.046
1.16
0.038
0.97
E
0.070
1.78
0.020
0.51
F
0.070
1.78
0.025
0.64
CX9VHT
CX4VHT
CX9VHT
HIGH TEMPERATURE CRYSTALS
High Temperature/Low Frequency
10 kHz - 600 kHz
30 kHz - 250 kHz
32 kHz - 160 kHz
10183 Rev C
CX4VHT
DIMENSIONS
CX1VHT/
CX1HHT
CX4VHT
CX9VHT
CX1VHT/
CX1HHT
CX1VHT/
CX1HHT


Similar Part No. - CX4VHT

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CX4VHT-TF IQD-CX4VHT-TF Datasheet
135Kb / 2P
Quartz Crystal Specification
More results

Similar Description - CX4VHT

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
CRYSTALS
logo
MTRONPTI
ATS-1 MTRONPTI-ATS-1_07 Datasheet
314Kb / 2P
Crystals
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
Crystals
logo
STATEK CORPORATION
CX1HT-06 STATEK-CX1HT-06 Datasheet
317Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1HT-EXT STATEK-CX1HT-EXT_09 Datasheet
197Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1HT STATEK-CX1HT Datasheet
758Kb / 2P
HIGH TEMPERATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com