Electronic Components Datasheet Search
  English  ▼

X  

CX4 Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CX4
Description  Ultra-Miniature Low Profile Surface Mount Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX4 Datasheet(HTML) 1 Page - STATEK CORPORATION

  CX4 Datasheet HTML 1Page - STATEK CORPORATION CX4 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.059 (1.5)
0.160 (4.0)
0.092 (2.3)
inches (mm)
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
A
B
F
D
D
TOP
BOTTOM
C
E
TYP.
MAX.
DIM
inches
mm
inches
mm
A
0.197
5.00
0.210
5.33
B
0.072
1.83
0.085
2.16
C
-
-
see below
D
0.036
0.91
0.046
1.16
E
0.020
0.51
-
-
F
0.025
0.64
-
-
DIM “C”
GLASS LID
CERAMIC LID
MAX
inches
mm
inches
mm
SM1
0.045
1.14
0.050
1.27
SM2/SM4
0.046
1.17
0.051
1.30
SM3/SM5
0.048
1.22
0.053
1.35
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
actual size
side view
SXX
XX
Ceramic Lid Shown
10161 Rev B
DESCRIPTION
STATEK’s CX4 quartz crystals are hermetically sealed in an
ultra-miniature low profile surface mount ceramic package.
This high quality quartz resonator forms the basis of a stable
oscillator.
FEATURES
Designed for low power applications in this frequency
range
Smallest available package in this frequency range
Hermetically sealed ceramic package
Excellent aging characteristics
Full military testing to MIL-PRF-3098 available
Designed and manufactured in the USA
APPLICATIONS
Medical
Pacemaker, defibrillator and hearing aid
Industrial, Computer & Communications
PCMCIA (FAX, Modem and LAN)
Smart Card
Military & Aerospace
Airborne hybrid computer
Low power system clock
Hybrid multi-chip modules
C0
C1
R1
2
1
L1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
CX4 CRYSTAL
Fundamental Mode: 600 kHz to 1.4 MHz
Overtone: 1.8432 MHz - 2.5 MHz
Ultra-Miniature Low Profile
Surface Mount Quartz Crystal


Similar Part No. - CX4

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX4 STATEK-CX4 Datasheet
445Kb / 2P
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
logo
RSG Electronic Componen...
CX4 RSG-CX4 Datasheet
470Kb / 2P
Fundamental Mode: 600 kHz to 1.4 MHz Overtone: 1.8432 MHz - 2.5 MHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
logo
EUROQUARTZ limited
CX4 EUROQUARTZ-CX4 Datasheet
148Kb / 2P
Designed for low power applications
CX4 EUROQUARTZ-CX4 Datasheet
249Kb / 1P
Tape and Reel Dimensions for CX Crystals
logo
Altech corporation
CX4 ALTECH-CX4 Datasheet
586Kb / 1P
FEED THROUGH TERMINAL BLOCKS
More results

Similar Description - CX4

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX9VSM STATEK-CX9VSM Datasheet
451Kb / 2P
Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX4VSM STATEK-CX4VSM Datasheet
459Kb / 2P
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX4 STATEK-CX4 Datasheet
445Kb / 2P
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX11SM STATEK-CX11SM Datasheet
479Kb / 2P
Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX14SM STATEK-CX14SM Datasheet
198Kb / 2P
Ultra-Miniature, Ultra-Low Profile Surface Mount AT Quartz Crystal
CX4VSM STATEK-CX4VSM_11 Datasheet
107Kb / 2P
Ultra-Miniature Low Profile Surface Mount Quartz Crystal
CX7VSM STATEK-CX7VSM_12 Datasheet
191Kb / 2P
Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX9VSM STATEK-CX9VSM_12 Datasheet
133Kb / 2P
Ultra-Miniature, Low Profile Surface Mount Quartz Crystal
CX11L STATEK-CX11L Datasheet
205Kb / 2P
Telemetry, Ultra Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
CX16 STATEK-CX16 Datasheet
189Kb / 2P
Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com