Electronic Components Datasheet Search
  English  ▼

X  

PCS07A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCS07A
Description  Low Profile Cellular SMD Dielectric Antenna
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCS07A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCS07A Datasheet HTML 1Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 2Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 3Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 4Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 5Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 6Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 7Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 8Page - List of Unclassifed Manufacturers PCS07A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SPE-13-8-028/B/WY | page 1 of 13
PCS.07.A
Specification
Part No.
PCS.07.A
Product Name
Nemesis
Low Profile Cellular SMD Dielectric Antenna
GSM / CDMA / DCS / PCS / WCDMA /
UMTS /HSDPA / GPRS / EDGE
824~960MHz/1710~2170MHz
Feature
High Efficiency Multi-Band SMD antenna
Low profile 35mm * 7mm * 3mm
RoHS Compliant
Front
Back
Nemesis


Similar Part No. - PCS07A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PCS07A1 TAOGLAS-PCS07A1 Datasheet
1Mb / 14P
Low Profile Cellular SMD Dielectric Antenna
More results

Similar Description - PCS07A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA700J ETC2-PA700J Datasheet
2Mb / 15P
Hexa-Band Cellular SMD Antenna
logo
Taoglas antenna solutio...
PCS.06.A TAOGLAS-PCS.06.A Datasheet
2Mb / 21P
SMD Dielectric Antenna
PA22A TAOGLAS-PA22A Datasheet
1Mb / 19P
Tri-band Cellular Dielectric PIFA Antenna
PCS06A TAOGLAS-PCS06A Datasheet
1Mb / 21P
havok - Low Profile LTE/Cellular 4g SMD Dielectric Antenna
PCS07A1 TAOGLAS-PCS07A1 Datasheet
1Mb / 14P
Low Profile Cellular SMD Dielectric Antenna
PCS.26.A TAOGLAS-PCS.26.A Datasheet
1Mb / 20P
Low Profile LTE/Cellular 2G/3G/4G SMD Dielectric Antenna
PA.22A TAOGLAS-PA.22A_17 Datasheet
1Mb / 19P
TRI-BAND CELLULAR DIELECTRIC PIFA ANTENNA
PCS.07.A TAOGLAS-PCS.07.A_17 Datasheet
1Mb / 14P
LOW PROFILE CELLUALR SMD DIELECTRIC ANTENNA
logo
Molex Electronics Ltd.
2066490001 MOLEX-2066490001 Datasheet
40Kb / 1P
698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
2067600001 MOLEX-2067600001 Datasheet
40Kb / 1P
698MHz-2.7GHz Cellular Ceramic Antenna, Low-profile, SMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com