Electronic Components Datasheet Search
  English  ▼

X  

LP61L256B Datasheet(PDF) 5 Page - AMIC Technology

Part # LP61L256B
Description  32K X 8 Bit High SPEED LOW VCC CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256B Datasheet(HTML) 5 Page - AMIC Technology

  LP61L256B Datasheet HTML 1Page - AMIC Technology LP61L256B Datasheet HTML 2Page - AMIC Technology LP61L256B Datasheet HTML 3Page - AMIC Technology LP61L256B Datasheet HTML 4Page - AMIC Technology LP61L256B Datasheet HTML 5Page - AMIC Technology LP61L256B Datasheet HTML 6Page - AMIC Technology LP61L256B Datasheet HTML 7Page - AMIC Technology LP61L256B Datasheet HTML 8Page - AMIC Technology LP61L256B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LP61L256B Series
(August, 2001, Version 1.0)
5
AMIC Technology, Inc.
AC Characteristics (continued)
LP61L256B-12
Symbol
Parameter
Min.
Max.
Unit
Write Cycle
tWC
Write Cycle Time
12
-
ns
tCW
Chip Enable to End of Write
10
-
ns
tAS
Address Setup Time of Write
0
-
ns
tAW
Address Valid to End of Write
10
-
ns
tWP
Write Pulse Width
8
-
ns
tWR
Write Recovery Time
0
-
ns
tWHZ
Write to Output in High Z
0
7
ns
tDW
Data to Write Time Overlap
8
-
ns
tDH
Data Hold from Write Time
0
-
ns
tOW
Output Active from End of Write
5
-
ns
Notes: tCHZ, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are not
referred to output voltage levels.
Timing Waveforms
Read Cycle 1
(1, 2, 4)
tRC
tOH
tAA
tOH
Address
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com