Electronic Components Datasheet Search
  English  ▼

X  

SDWA01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDWA01
Description  Dual-Band 2.4/5GHz Wi-Fi Ceramic SMD Antenna
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDWA01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDWA01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDWA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDWA01 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDWA01 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDWA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDWA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDWA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDWA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDWA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SPE-11-8-129/C/NB
Page 2 of 16
1. Introduction
The SDWA.01 dual-band SMT ceramic antenna is an embedded high efficiency, high peak
gain solution for Wi-Fi 802.11n and other ISM band applications which require high data
speed rates and wide coverage areas. It is designed to perform optimally mounted in the
corner of a device main-board. Two SDWA.01 antennas can be used for optimal
performance for MIMO applications. Its low profile allows use on extremely thin devices
while still maintaining highest RF performance characteristics. All that is needed is a 50
Ohm co-planar waveguide (CPW) to the module.
2. Electrical Characteristics
No
Parameter
Specification
1
Working Frequency
2400~2500MHz
4900~5850MHz
2
Dimension
10*4*1.5mm
3
Impedance
50 Ohm
4
VSWR
2.5 max.
2450~2500MHz
3.0 max.
4900~5850MHz
5
Polarization
Linear
6
Termination
Ag(Environmentally-Friendly
Pb Free)
7
Operating
Temperature
-40ºC to +85ºC
*These values are based on our standard 100mm*50mm test board. Actual electrical
values will change depending on ground plane size, shape, mounting position,
matching circuit design and surrounding environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com