Electronic Components Datasheet Search
  English  ▼

X  

CM453232-R821L Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CM453232-R821L
Description  SMT Chip Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R821L Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CM453232-R821L Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R821L Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R821L Datasheet HTML 3Page - Bourns Electronic Solutions CM453232-R821L Datasheet HTML 4Page - Bourns Electronic Solutions CM453232-R821L Datasheet HTML 5Page - Bourns Electronic Solutions CM453232-R821L Datasheet HTML 6Page - Bourns Electronic Solutions CM453232-R821L Datasheet HTML 7Page - Bourns Electronic Solutions CM453232-R821L Datasheet HTML 8Page - Bourns Electronic Solutions CM453232-R821L Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CM45, CM32, CM25, CM20, CM16, CM10 SMT Chip Inductors
Features
High resistance to heat and humidity
Resistance to mechanical shock and
pressure
Accurate dimensions for automatic
surface mounting
Wide inductance range (1.0 nH to 1000 μH)
RoHS compliant*
Applications
Mobile phones
Cellular phones
CTV, VCR, HIC, FDD
Recommended Land Pattern Dimensions
0.2 ± 0.1
(.008 ± .004)
0.3 ± 0.15
(.012 ± .006)
1.0 ± 0.1
(.040 ± .004)
0.5 ± 0.1
(.020 ± .004)
CM10:
0.80 ± 0.15
(.032 ± .006)
CM16:
0.5 ± 0.1
(.020 ± .004)
CM10:
CM10:
CM10:
CM16:
0.2 ± 0.1
(.008 ± .004)
0.3 ± 0.15
(.012 ± .006)
CM10:
CM16:
1.6 ± 0.15
(.063 ± .006)
CM16:
0.80 ± 0.15
(.032 ± .006)
CM16:
1.27 ± 0.30
(.050 ± .012)
1.27 ± 0.20
(.050 ± .008)
2.0 + 0.30 - 0.20
(.079 + .012 - .008)
1.20
(.047)
1.00 ± 0.10
(. 039 ± .004)
2.5
(.10)
2.0
(.079)
1.2
(.047)
1.6
(.063)
0.4
(.016)
Marking
3.2
(.126)
2.5
(.079)
1.9
(.075)
2.2
(.086)
0.6
(.024)
Marking
4.5 ± 0.3
(.177 ± .012)
3.2 ± 0.2
(.125 ± .008)
Marking
1.2
(.047)
1.7 ± 0.2
(.066 ± .008)
3.2 ± 0.2
(.125 ± .008)
1.0
(.039)
1.0
(.039)
CM100505, CM160808
CM201212
CM252016
2
3
2
3
5
4
M
C
2
2
5
2
2
3
M
C
c
b
a
l
e
d
o
M
CM10
0.5 to 0.6 (.019 to .023)
1.5 to 1.7 (.059 to .067)
0.5 to 0.6 (.019 to .023)
CM16
0.8 to 1.0 (.032 to .039)
2.0 to 2.6 (.079 to .102)
0.7 to 0.9 (.028 to .035)
CM20
1.0 to 1.2 (.039 to .047)
3.0 to 3.8 (.118 to .150)
0.9 to 1.3 (.028 to .051)
CM25
1.4 to 1.5 (.055 to .059)
3.5 to 4.0 (.138 to .157)
1.2 to 1.6 (.047 to .063)
CM32
1.6 to 2.0 (.063 to .079)
4.0 to 4.6 (.157 to .181)
1.9 to 2.4 (.075 to .094)
CM45
2.4 to 2.6 (.094 to .102)
5.5 to 6.0 (.217 to .236)
2.0 to 3.0 (.079 to .118)
a
c
b
DIMENSIONS ARE:
MM
(INCHES)
General Specifications
Temperature Rise......................................................................................................................................................................................................20 ˚C max.
Ambient Temperature .............................................................................................................................................................................................. 80 ˚C max.
Operating Temperature
CM10, CM16, CM20, CM25, CM32............................................................................................................................................................-40 °C to +100 °C
CM45...........................................................................................................................................................................................................-40 °C to +125 °C
Storage Temperature
CM10, CM16, CM20, CM25, CM32 ..........................................................................................................................................................-40 °C to +100 °C
CM45..........................................................................................................................................................................................................-40 °C to +125 °C
Resistance to Soldering Heat .......................................................................................................................................................................260 ˚C, 5 seconds
Materials
Core Material
CM10, CM16................................................................................................................................................................................................Alumina Ceramic
CM20............................................................................................................................................................................................Polymer 10 nH to 1000 nH
CM25..............................................................................................................................................................................................Polymer 10 nH to 180 nH
CM32..............................................................................................................................................................................................Polymer 47 nH to 180 nH
Ferrite Core
CM25..........................................................................................................................................................................................................220 nH to 100 μH
CM32........................................................................................................................................................................................................................220 nH +
CM45...................................................................................................................................................................................................................................All
Coil Type
CM10, CM16 ...................................................................................................................................................................................................Copper plating
CM20, CM25, CM32, CM45................................................................................................................................................................................Copper wire
Enclosure
CM10, CM16 ..................................................................................................................................................................................................................Resin
CM20, CM25, CM32, CM45.................................................................................................................................................................................Epoxy resin
Terminal
CM10, CM16, CM20, CM25, CM32, CM45 .......................................................................................................................................................................Sn
Product Dimensions
Model CM20 & CM25 Series are
currently available but not
recommended for new designs.


Similar Part No. - CM453232-R821L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-R82KL BOURNS-CM453232-R82KL Datasheet
269Kb / 3P
SMT Chip Inductors
CM453232-R82M BOURNS-CM453232-R82M Datasheet
419Kb / 7P
SMT Chip Inductors
CM453232-R82ML BOURNS-CM453232-R82ML Datasheet
305Kb / 7P
High resistance to heat and humidity
More results

Similar Description - CM453232-R821L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM45 BOURNS-CM45 Datasheet
419Kb / 7P
SMT Chip Inductors
PM1210 BOURNS-PM1210 Datasheet
267Kb / 4P
SMT Chip Inductors
PM1210-1R0J-RC BOURNS-PM1210-1R0J-RC Datasheet
263Kb / 4P
SMT Chip Inductors
CM453232-R10KL BOURNS-CM453232-R10KL Datasheet
269Kb / 3P
SMT Chip Inductors
logo
Sumida Corporation
5408 SUMIDA-5408 Datasheet
1Mb / 8P
SMT Chip Inductors
5406 SUMIDA-5406 Datasheet
1Mb / 8P
SMT Chip Inductors
5403 SUMIDA-5403 Datasheet
1Mb / 8P
SMT Chip Inductors
5309 SUMIDA-5309 Datasheet
1Mb / 10P
SMT Chip Inductors
5308 SUMIDA-5308 Datasheet
1Mb / 5P
E-Series SMT Chip Inductors
5208 SUMIDA-5208 Datasheet
1Mb / 7P
E-Series SMT Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com