Electronic Components Datasheet Search
  English  ▼

X  

SGP18C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SGP18C
Description  GPS SMT Patch Antenna
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGP18C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SGP18C Datasheet HTML 1Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 2Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 3Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 4Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 5Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 6Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 7Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 8Page - List of Unclassifed Manufacturers SGP18C Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SPE-11-8-138/C/SS |
page 1 of 9
SGP.18c
Specification
Part No.
SGP.1575.18.4.C.02
Product Name
GPS SMT Patch Antenna
Features
18mm*18mm*4.5mm
1575MHz Centre Frequency
Patent Pending
RoHS Compliant


Similar Part No. - SGP18C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGP100 FAIRCHILD-SGP100 Datasheet
497Kb / 14P
Primary-side-control PWM Controller
SGP100SZ FAIRCHILD-SGP100SZ Datasheet
497Kb / 14P
Primary-side-control PWM Controller
logo
Infineon Technologies A...
SGP10N60 INFINEON-SGP10N60 Datasheet
201Kb / 10P
HighSpeed 2-Technology
Mar-04, Rev. 2.0
SGP10N60 INFINEON-SGP10N60 Datasheet
506Kb / 12P
Fast S-IGBT in NPT-technology
Mar-00
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
Fast IGBT in NPT-technology
Jul-02
More results

Similar Description - SGP18C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGGP18A ETC2-SGGP18A Datasheet
863Kb / 10P
GPS/GLONASS SMT PATCH ANTENNA
SGGP25A ETC2-SGGP25A Datasheet
791Kb / 10P
GPS/GLONASS SMT PATCH ANTENNA
SGP12A ETC2-SGP12A Datasheet
1Mb / 9P
GPS SMT Patch Antenna
SGP15A ETC2-SGP15A Datasheet
1Mb / 9P
GPS SMT Patch Antenna
SGP25C ETC2-SGP25C Datasheet
2Mb / 9P
GPS SMT Patch Antenna
SGP25D ETC2-SGP25D Datasheet
563Kb / 11P
GPS SMT Patch Antenna
logo
Taoglas antenna solutio...
SGGP254A02 TAOGLAS-SGGP254A02 Datasheet
886Kb / 14P
GPS/GALILEO SMT Patch Antenna
SGP1575124A02 TAOGLAS-SGP1575124A02 Datasheet
1Mb / 13P
GPS/GALILEO SMT PAtch Antenna
SGP1575184C02 TAOGLAS-SGP1575184C02 Datasheet
989Kb / 14P
GPS/GALILEO SMT PAtch Antenna
SGP1575254C02 TAOGLAS-SGP1575254C02 Datasheet
1,021Kb / 15P
GPS/GALILEO SMT PAtch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com