Electronic Components Datasheet Search
  English  ▼

X  

SGP25D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SGP25D
Description  GPS SMT Patch Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SGP25D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SGP25D Datasheet HTML 1Page - List of Unclassifed Manufacturers SGP25D Datasheet HTML 2Page - List of Unclassifed Manufacturers SGP25D Datasheet HTML 3Page - List of Unclassifed Manufacturers SGP25D Datasheet HTML 4Page - List of Unclassifed Manufacturers SGP25D Datasheet HTML 5Page - List of Unclassifed Manufacturers SGP25D Datasheet HTML 6Page - List of Unclassifed Manufacturers SGP25D Datasheet HTML 7Page - List of Unclassifed Manufacturers SGP25D Datasheet HTML 8Page - List of Unclassifed Manufacturers SGP25D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPE-11-8-140/C/SS
Page 2 of 11
1.
Introduction
This ceramic GPS patch antenna is based on smart XtremeGain™ technology. It is mounted via SMT
process and has been tuned as the optimal solution for the ublox C16-G25Q GSM/GPS Integrated
reference Design.
The C16-G25Q GSM/GPS reference design is a complete and integrated solution for telematics
applications such as fleet management, asset tracking, road pricing, and security/surveillance. It
demonstrates the integration of u-blox’ NEO-5Q GPS receiver with a LEON-G200 GPRS/GSM module.
This 100% SMD solution uses SMT passive GPS (Taoglas SGP.25D) and GSM antenna (Taoglas PA.25A)
and an on-board SIM Chip with activated phone number (SIM holder optional for mechanical (SIM).
On the test fixture of 63.2 x 50.03 mm (GND Plane) the antenna has a centre frequency of 1567MHz ±
3MHz
2.
Specification
No
Parameter
Specification
1
Range of Receiving Frequency
1575MHz +/- 1.023MHz
2
Bandwidth
22 MHz min with Return Loss <-10dB
3
VSWR
1.5 max
4
Gain at Zenith
+1.0 dBic typ.
5
Axial ratio
4.0 dB Max.
6
Impedance
50 Ω
7
Polarization
Right Hand Circular Polarization
8
Frequency Temperature Coefficient
0 ± 20 ppm/ ºC max
@ -40ºC to +85ºC
9
Operating Temperature
-40ºC to +85ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com