Electronic Components Datasheet Search
  English  ▼

X  

TG100113 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TG100113
Description  2G/3G/4G TERMINAL ANTENNA FOR CELLULAR MODULES WITH ASSISTED GPS HINGED SMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG100113 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TG100113 Datasheet HTML 1Page - List of Unclassifed Manufacturers TG100113 Datasheet HTML 2Page - List of Unclassifed Manufacturers TG100113 Datasheet HTML 3Page - List of Unclassifed Manufacturers TG100113 Datasheet HTML 4Page - List of Unclassifed Manufacturers TG100113 Datasheet HTML 5Page - List of Unclassifed Manufacturers TG100113 Datasheet HTML 6Page - List of Unclassifed Manufacturers TG100113 Datasheet HTML 7Page - List of Unclassifed Manufacturers TG100113 Datasheet HTML 8Page - List of Unclassifed Manufacturers TG100113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SPE-11-8-147/D/JC Page 2 of 13
1.Introduction
The TG.10 Triton dipole Antenna – is primarily designed for use with CDMA modules
with assisted GPS. It does not require a ground-plane to connect to. It has a quality
robust PUS housing for use with wireless terminals. The antenna has a SMA(M)
connector. It can be used straight or hinged 90 degrees. The antenna has a wide-band
response and can also be used for other cellular and wireless applications such as
GSM, LTE, UMTS, and WI-FI.
2.Specification
CELLULAR
Frequency (MHz) 700~800 824~960 1575.42 1710 ~ 1880 1850 ~ 1990 1710 ~ 2170 2400~2500
Peak Gain (dBi)
Straight
-0.5
-0.5
0.5
1.0
2.0
1.5
3.0
Bend
-1.5
-3.0
1.5
2.5
2.5
2.5
4.0
Efficiency
Straight
38%
30%
35%
60%
65%
55%
75%
Bend
35%
25%
55%
70%
75%
70%
85%
Impedance
50Ω
Polarization
Linear
Radiation Pattern
Omni
Input Power
50 W
MECHANICAL
Dimensions
Length 168*18*13mm,Φ13mm
Casing
PU
Connector
Hinged SMA Male
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com