Electronic Components Datasheet Search
  English  ▼

X  

TG220152 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TG220152
Description  Penta-Band Cellular Connector Mount Monopole Helical
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG220152 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TG220152 Datasheet HTML 1Page - List of Unclassifed Manufacturers TG220152 Datasheet HTML 2Page - List of Unclassifed Manufacturers TG220152 Datasheet HTML 3Page - List of Unclassifed Manufacturers TG220152 Datasheet HTML 4Page - List of Unclassifed Manufacturers TG220152 Datasheet HTML 5Page - List of Unclassifed Manufacturers TG220152 Datasheet HTML 6Page - List of Unclassifed Manufacturers TG220152 Datasheet HTML 7Page - List of Unclassifed Manufacturers TG220152 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPE-11-8-112/D/SS
Page 2 of 8
1. Introduction
The TG.22.0152 Penta-band GSM-DCS-PCS-UMTS-CDMA-GPRS-EDGE-HSPA 800MHz to
2200MHz monopole helical antenna is a quality robust antenna with high gain in small
form factor.
Connection is made via fixed right angle RP-SMA(M) connector with a hardened
waterproof PU casing, this antenna is the ideal GSM antenna for telematics devices
.
2. Antenna Performance
2.1 Electrical Specifications
No
Parameter
Specification
1
Frequency Range
800MHz to 2200MHz
2
Bands
GSM-DCS-PCS-UMTS-CDMA-GPRS-EDGE-HSPA
3
VSWR
≤ 2.3
4
Power Handling
20W
5
Polarization
Linear
6
Impedance
50 Ohms
7
Connector
RP-SMA(M)RA
2.2 Environmental & Mechanical Characteristics
No
Parameter
Specification
1
Temperature
-40°c to +85°c
2
Radome Colour
Black
3
Radome Material
Pu
4
Weight
6g



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com