Electronic Components Datasheet Search
  English  ▼

X  

LP621024D-T Datasheet(PDF) 16 Page - AMIC Technology

Part # LP621024D-T
Description  128K X 8 BIT CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024D-T Datasheet(HTML) 16 Page - AMIC Technology

Back Button LP621024D-T Datasheet HTML 8Page - AMIC Technology LP621024D-T Datasheet HTML 9Page - AMIC Technology LP621024D-T Datasheet HTML 10Page - AMIC Technology LP621024D-T Datasheet HTML 11Page - AMIC Technology LP621024D-T Datasheet HTML 12Page - AMIC Technology LP621024D-T Datasheet HTML 13Page - AMIC Technology LP621024D-T Datasheet HTML 14Page - AMIC Technology LP621024D-T Datasheet HTML 15Page - AMIC Technology LP621024D-T Datasheet HTML 16Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LP621024D-T Series
(August, 2001, Version 1.0)
16
AMIC Technology, Inc.
Package Information
TSSOP 32L TYPE I (8 X 13.4mm) Outline Dimensions
unit: inches/mm
Detail "A"
0.10MM
Detail "A"
S
b
D1
D
LE
L
GAUGE PLANE
Detail "A"
SEATING PLANE
°
12.0
θ
Symbol
Dimensions in inches
Dimensions in mm
A
0.049 Max.
1.25 Max.
A1
0.002 Min.
0.05 Min.
A2
0.039±0.002
1.00±0.05
b
0.008±0.001
0.20±0.03
c
0.006±0.0003
0.15±0.008
E
0.315±0.004
8.00±0.10
e
0.020 TYP.
0.50 TYP.
D
0.528±0.008
13.40±0.20
D1
0.465±0.004
11.80±0.10
L
0.02±0.008
0.50±0.20
LE
0.0266 Min.
0.675 Min.
S
0.0109 TYP.
0.278 TYP.
y
0.004 Max.
0.10 Max.
θ
0
° ~ 6°
0
° ~ 6°
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.
3. Dimension e1 is for PC Board surface mount pad pitch design
reference only.
4. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com