Electronic Components Datasheet Search
  English  ▼

X  

DR331 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # DR331
Description  Surface Mount Data Line Chokes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

DR331 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  DR331_12 Datasheet HTML 1Page - Bourns Electronic Solutions DR331_12 Datasheet HTML 2Page - Bourns Electronic Solutions DR331_12 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
DR331 Series Surface Mount Data Line Chokes
Impedance vs. Frequency
10
100
1000
10000
100000
0.1
1
10
100
1000
Frequency (MHz)
-475BE
-105BE
-225BE
-513AE
-253AE
-113BE
-474BE
-104AE
Insertion Loss vs. Frequency
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
Frequency (MHz)
-475BE
-105BE
-474BE
-104AE
-225BE
-513AE
-253AE
-113BE
100
10000
1000
0.1
1
10
100
1000
Frequency (MHz)
-513BE
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
Frequency (MHz)
-513BE
Solder Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time
(Seconds)
<1> Max. of 70 seconds > 200 °C
<2> Max. of 50 seconds > 230 °C
<3> Max. of 10 seconds > 255 °C
230 °C
<1>
255 °C
<2>
<3>
245 °C
260 °C
120 - 150 seconds
Ramp-up
4 °/second maximum
Ramp-down
5 °C/second maximum



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com