Electronic Components Datasheet Search
  English  ▼

X  

CW201212 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CW201212
Description  High Q Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW201212 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CW201212 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 05/11
CW201212 Series - High Q Chip Inductors
Features
■ 0805 size
■ Available in E12 series
■ High Q up to 80 typ.
■ High operating temperature of 125 °C
■ Small size of only 2.0 mm
■ RoHS compliant*
Applications
■ Mobile phones
■ Cellular phones
■ CTV, VCR, HIC, FDD
Electrical Specifications
Product Dimensions
Recommended Layout
0.5
(.020)
1.3 ± 0.2
(.051 ± .008)
1.5 ± 0.2
(.059 ± .008)
1.78
(.070)
REF.
REF.
REF.
REF.
0.5
(.020)
2.1 ± 0.2
(.083 ± .008)
0.5
(.020)
0.76
(.030)
1.02
(.040)
1.02
(.040)
General Specifications
Temperature Rise
...................40 ˚C max. at rated current
Operating Temperature
..................................-40 °C to +125 °C
Storage Temperature..-40 °C to +125 °C
Reflow Soldering ...230 °C, 50 sec. max.
Resistance to Soldering Heat
.................................260 ˚C, 5 seconds
Materials
Core Material
-2N2J through -R39J ..............Ceramic
-R47J through -R91J..................Ferrite
Wire ........Enamelled Copper (1W1E180)
Terminal............................Mo/Mn+Ni+Au
Packaging..................2,000 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Bourns Part No.
Inductance
Q
Test Freq. MHz
SRF min.
RDC
I rms
nH
Tol. %
min.
L
Q
MHz
ohms
mA max.
CW201212-2N2J
2.2
±5
50
250
1000
6000
0.06
600
CW201212-2N7J
2.7
±5
35
250
1000
6000
0.08
600
CW201212-2N8J
2.8
±5
32
250
1000
6000
0.06
800
CW201212-3N3J
3.3
±5
30
250
1500
6000
0.08
600
CW201212-3N9J
3.9
±5
60
250
1000
6000
0.06
600
CW201212-4N7J
4.7
±5
60
250
1000
5800
0.06
600
CW201212-5N6J
5.6
±5
60
250
1000
5800
0.08
600
CW201212-6N8J
6.8
±5
60
250
1000
5800
0.06
600
CW201212-8N2J
8.2
±5
60
250
1000
5500
0.06
600
CW201212-10NJ
10
±5
60
250
500
4800
0.08
600
CW201212-12NJ
12
±5
60
250
500
4100
0.08
600
CW201212-15NJ
15
±5
60
250
500
3600
0.08
600
CW201212-18NJ
18
±5
60
250
500
3400
0.08
600
CW201212-22NJ
22
±5
60
250
500
3300
0.10
600
CW201212-27NJ
27
±5
60
250
500
2600
0.12
600
CW201212-33NJ
33
±5
60
250
500
2400
0.15
500
CW201212-39NJ
39
±5
60
250
500
2100
0.18
500
CW201212-47NJ
47
±5
60
200
500
1700
0.15
500
CW201212-56NJ
56
±5
60
200
500
1600
0.25
500
CW201212-68NJ
68
±5
60
200
500
1450
0.27
500
CW201212-82NJ
82
±5
60
150
500
1350
0.32
500
CW201212-R10J
100
±5
60
150
500
1200
0.43
400
CW201212-R12J
120
±5
50
150
250
1100
0.48
400
CW201212-R15J
150
±5
50
100
250
950
0.67
400
CW201212-R18J
180
±5
50
100
250
900
0.85
350
CW201212-R22J
220
±5
50
100
250
860
1.10
300
CW201212-R27J
270
±5
45
100
250
850
1.46
250
CW201212-R33J
330
±5
45
100
250
800
1.65
200
CW201212-R39J
390
±5
45
100
250
780
2.20
170
CW201212-R47J
470
±5
33
250
100
375
1.72
250
CW201212-R56J
560
±5
23
50
50
340
1.90
230
CW201212-R68J
680
±5
23
25
50
270
2.05
190
CW201212-R82J
820
±5
23
25
50
230
2.30
180
CW201212-R91J
910
±5
22
22
50
220
2.50
150
Packaging Specifications
10.0
(.393)
12.5
(.492)
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
8.0
(.315)
NOTE: 2 % TOLERANCE AVAILABLE FOR INDUCTANCE
RANGES OF 12 NH AND UP. REPLACE “J” WITH “G”.


Similar Part No. - CW201212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
High Q Chip Inductors
CW201212-10NJ ETC1-CW201212-10NJ Datasheet
696Kb / 1P
High Q Chip Inductors
CW201212-12NJ ETC1-CW201212-12NJ Datasheet
696Kb / 1P
High Q Chip Inductors
CW201212-15NJ ETC1-CW201212-15NJ Datasheet
696Kb / 1P
High Q Chip Inductors
CW201212-18NJ ETC1-CW201212-18NJ Datasheet
696Kb / 1P
High Q Chip Inductors
More results

Similar Description - CW201212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
High Q Chip Inductors
logo
Bourns Electronic Solut...
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016 Datasheet
137Kb / 1P
High Q Chip Inductors
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
High Q Chip Inductors
PM1008 BOURNS-PM1008 Datasheet
230Kb / 1P
High Q Chip Inductors
CW160808 BOURNS-CW160808_13 Datasheet
184Kb / 2P
High Q Chip Inductors
CW252016 BOURNS-CW252016_11 Datasheet
79Kb / 1P
High Q Chip Inductors
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
High Q Chip Inductors
PM0805-2N8M-RC BOURNS-PM0805-2N8M-RC Datasheet
282Kb / 1P
High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
High Q Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com