Electronic Components Datasheet Search
  English  ▼

X  

SN75ALS191D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS191D
Description  DUAL DIFFERENTIAL LINE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS191D Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS191D Datasheet HTML 1Page - Texas Instruments SN75ALS191D Datasheet HTML 2Page - Texas Instruments SN75ALS191D Datasheet HTML 3Page - Texas Instruments SN75ALS191D Datasheet HTML 4Page - Texas Instruments SN75ALS191D Datasheet HTML 5Page - Texas Instruments SN75ALS191D Datasheet HTML 6Page - Texas Instruments SN75ALS191D Datasheet HTML 7Page - Texas Instruments SN75ALS191D Datasheet HTML 8Page - Texas Instruments SN75ALS191D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN75ALS191
DUAL DIFFERENTIAL LINE DRIVER
SLLS032B − DECEMBER 1987 − REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI Standard EIA/TIA-422-B and ITU
Recommendation V.11
D Designed to Operate at 20 Mbaud or Higher
D TTL-and CMOS-Input Compatibility
D Single 5-V Supply Operation
D Output Short-Circuit Protection
D Improved Replacement for the μA9638
description
The SN75ALS191 is a dual, high-speed, differential line driver designed to meet ANSI Standard EIA/TIA-422-B
and ITU Recommendation V.11. The inputs are TTL- and CMOS-compatible and have input clamp diodes.
Schottky-diode-clamped transistors minimize propagation delay time. This device operates from a single 5-V
power supply and is supplied in eight-pin packages.
The SN75ALS191 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUTS
OUTPUTS
INPUTS
A
Y
Z
H
H
L
L
L
H
H = high level,
L = low level,
Z = high impedance
logic symbol†
2A
1A
3
2
2Z
2Y
1Z
1Y
5
6
7
8
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
logic diagram (positive logic)
8
7
1Y
1Z
2
1A
6
5
2Y
2Z
3
2A
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VCC
1A
2A
GND
1Y
1Z
2Y
2Z
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - SN75ALS191D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS191D TI-SN75ALS191D Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191D TI-SN75ALS191D Datasheet
1Mb / 15P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191D TI2-SN75ALS191D Datasheet
1,009Kb / 20P
SN75ALS191 Dual Differential Line Driver
REVISED MARCH 2024
SN75ALS191DG4 TI-SN75ALS191DG4 Datasheet
1Mb / 15P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191DR TI-SN75ALS191DR Datasheet
1Mb / 15P
DUAL DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN75ALS191D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
Dual Differential Line Driver
logo
Texas Instruments
SN75158 TI-SN75158 Datasheet
122Kb / 8P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
Quad Single-Ended Line Driver . Dual Differential Line Driver
logo
Intersil Corporation
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
Dual Channel Differential DSL Line Driver
October 10, 2006
logo
Texas Instruments
SN75158 TI-SN75158_07 Datasheet
436Kb / 16P
DUAL DIFFERENTIAL LINE DRIVER
logo
Intersil Corporation
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
logo
Texas Instruments
THS6022 TI1-THS6022_16 Datasheet
1Mb / 44P
250-mA DUAL DIFFERENTIAL LINE DRIVER
SN75ALS191 TI-SN75ALS191_V01 Datasheet
1Mb / 15P
DUAL DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com