Electronic Components Datasheet Search
  English  ▼

X  

CX7SM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX7SM
Description  Ultra-Miniature, Low Profile AT-Cut Surface Mount Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX7SM Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX7SM Datasheet HTML 1Page - STATEK CORPORATION CX7SM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CX7
C
SM1
49.0M
,
50
/
50
/
/
I
Frequency
Stability over
Temp. Range
(in ppm)
+Other calibrations available:
indicate your requirement in ppm*
HOW TO ORDER CX7SM CRYSTALS
+
Calibration
Tolerance
@ 25OC
(in ppm)
Frequency
M = MHz
SM1 = Gold Plated
SM2 = Solder Plated
SM3 = Solder Dipped
C=Ceramic Lid
Blank=Glass Lid
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
YS
TEM
CERTIFICA
T
01
10155 - Rev B
TERMINATIONS
Designation Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
49 MHz
Motional Resistance R1(kΩ)
14
Motional Capacitance C1 (fF)
2.4
Quality Factor Q (k)
100
Shunt Capacitance C0 (pF)
0.8
Calibration Tol. Range*
100 ppm to 10000 ppm
Load Capacitance
10pF (unless specified by customer)
Drive Level
200 µW MAX.
Frequency Stability Over Temperature**
10ppm for (Commercial)
35ppm for (Industrial)
50ppm for (Military)
Aging, first year
5 ppm MAX.
Shock, survival***
5,000 G peak 0.3 ms, 1/2 sine
Vibration, survival
20 G RMS, 10-2,000 Hz random
Standard Operating Temperature Ranges
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temperature
-55OC to +125OC
Max Process Temperature 260OC for 20 sec.
Note: The characteristics of the frequency stability over
temperature follow that of the AT-Cut thickness-shear
mode.
+
_
+
_
+
_
+
_
+
_
PACKAGING OPTIONS
CX7SM
-Tray Pack
-16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
C0
C1
R1
2
1
L1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
* Tighter tolerances available as low as 5 ppm
** Does not include calibration tolerance
*** Higher shock version available
+
_
“S” if special or
custom design.
Blank if Std.
Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
*Total
Frequency
Tolerance
(in ppm)
*If specifying Total Frequency Tolerance, dashes must be used in the part number for the
Calibration Tolerance and Frequency Stability over Temp Range. These are our standard
parameters, if requiring additional parameters please specify.
/
/
100
/
I
Temperature Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
Total
Frequency
Tolerance
(in ppm)
OR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com