Electronic Components Datasheet Search
  English  ▼

X  

CSM2512 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CSM2512
Description  Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CSM2512 Datasheet(HTML) 1 Page - Vishay Siliconix

  CSM2512 Datasheet HTML 1Page - Vishay Siliconix CSM2512 Datasheet HTML 2Page - Vishay Siliconix CSM2512 Datasheet HTML 3Page - Vishay Siliconix CSM2512 Datasheet HTML 4Page - Vishay Siliconix CSM2512 Datasheet HTML 5Page - Vishay Siliconix CSM2512 Datasheet HTML 6Page - Vishay Siliconix CSM2512 Datasheet HTML 7Page - Vishay Siliconix CSM2512 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bulk Metal® Technology High Precision, Current Sensing, Power
Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ,
Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
CSM Series
Vishay Foil Resistors
Document Number: 63089
For any questions, contact: foil@vishaypg.com
www.vishayfoilresistors.com
Revision: 3-May-11
1
No minimum order quantity and any value at any
tolerance available within resistance range.
Vishay Foil Resistors’ application engineering department is
available to advise and make recommendations.
For non-standard technical requirements and special
applications, please contact foil@vishaypg.com.
I
A
R
Zin
I
D
V
=~
∞
BC
Four terminal (Kelvin) design: allows for precise and
accurate measurements.
FIGURE 1 - POWER DERATING CURVE
- 65 - 50
- 25
0
25
50
75
100
125
150
170
Ambient Temperature (°C)
100
80
60
40
20
0
+ 70 °C
FEATURES
• Temperature coefficient of resistance:
± 15 ppm/°C max. (- 55 °C to + 125 °C, + 25 °C
ref.); ± 10 ppm/°C max. (- 55 °C to + 125 °C,
+ 25 °C ref.) is available on request (see table 1)
• Power rating: 1 W to 3 W
• Resistance tolerance: ± 0.1 %
• Resistance range: 1 mΩ to 200 mΩ (1)
• Vishay Foil resistors are not restricted to standard values,
specific “as required” values can be supplied at no extra
cost or delivery (e.g. 2.3456 m
Ω vs. 2 mΩ)
• Load life stability to ± 0.2 % (70 °C, 2000 h at rated power)
• Short time overload: ± 0.1 % typical
• Thermal EMF: 3 µV/°C (DC offset error, significant for low
values)
• Maximum current: up to 54 A
• Proprietary processing techniques produce low TCR, tight
tolerance and improve stability
• Low inductance < 5 nH
• Solderable terminations
• Excellent frequency response to 50 MHz
• Matched sets are available on request
• Screening in accordance with EEE-INST002 available
(per MIL-PRF-55342 and MIL-PRF-49465; see 303144
and 303145 datasheets)
• Terminal finishes available: lead (Pb)-free, tin/lead alloy
• Prototype quantities available in just 5 working days
or sooner. For more information, please contact
foil@vishaypg.com
• For better performance please contact Application
Engineering
• Compliant to RoHS directive 2002/95/EC
TABLE 1 - SPECIFICATIONS
PARAMETER
CSM2512
CSM3637
Resistance Range
1 m
Ω to 200 mΩ (1)
Power Rating at 70 °C
1 W (2)
3 W ( 1 m
Ω to 10 mΩ)
2 W (> 10 m
Ω to 200 mΩ)
Maximum Current (3)
31 A
54 A
Tolerance
± 0.5 % (1 m
Ω to < 3 mΩ)
± 0.1 % (3 m
Ω to 200 mΩ)
± 0.5 % (1 m
Ω to < 2 mΩ)
± 0.1 % (2 m
Ω to 200 mΩ)
Temperature Coefficient
Max. (- 55 °C to + 125 °C,
+ 25 °C Ref.)
± 50 ppm/°C (1 m
Ω to < 3 mΩ)
± 15 ppm/°C (3 m
Ω to 200 mΩ)
± 10 ppm/°C (3 m
Ω to 10 mΩ) is available on request (4)
± 25 ppm/°C (1 m
Ω to < 3 mΩ)
± 15 ppm/°C (3 m
Ω to 200 mΩ)
± 10 ppm/°C (1 m
Ω to 10 mΩ) is available on request (4)
Operating Temperature
Range
- 65 °C to + 170 °C
Maximum Working Voltage
(P x R)1/2
Weight (Maximum)
0.09 g
0.29 g
Notes
(1) For CSM2512 up to 500 m
Ω please contact application engineering: foil@vishaypg.com
(2) For values above 0.1
Ω derate linearly to 80 % rated power at 0.5 Ω
(3) Maximum current for a given resistance value is calculated using I
PR
⁄
=
(4) Please contact application engineering: foil@vishaypg.com
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - CSM2512

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSM2512 VISHAY-CSM2512 Datasheet
2Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
3-May-11
logo
List of Unclassifed Man...
CSM2512 ETC2-CSM2512 Datasheet
116Kb / 2P
Molded Metal Plate Sensing Resistor
logo
Stackpole Electronics, ...
CSM2512 SEI-CSM2512 Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
CSM2512FT10L0 SEI-CSM2512FT10L0 Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
CSM2512FT1L00 SEI-CSM2512FT1L00 Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
More results

Similar Description - CSM2512

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200 VISHAY-200 Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
16-Jul-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
05-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
CSM VISHAY-CSM Datasheet
1Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
3-May-11
Y14870R01000B9W VISHAY-Y14870R01000B9W Datasheet
2Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
3-May-11
Y44870R10000F9R VISHAY-Y44870R10000F9R Datasheet
628Kb / 5P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Improved Stability 0.05 %, Resistance Value from 10 mΩ, Rated Power to 1 W and TCR to 0 ± 15 ppm/°C
3-May-11
Y14870R05000B9W VISHAY-Y14870R05000B9W Datasheet
2Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
3-May-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com