Electronic Components Datasheet Search
  English  ▼

X  

CX11SM Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX11SM
Description  Ultra Miniature Surface Mount Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX11SM Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX11SM Datasheet HTML 1Page - STATEK CORPORATION CX11SM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER CX11 AT CRYSTALS
TERMINATIONS
Designation Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted. Spe-
cifications are subject to change without notice.
Fundamental Frequency
16.0 MHz
24.0 MHz 155.52
MHz
Motional Resistance R1(Ω)
90
30
25
Motional Capacitance C1 (fF)
1.5
1.6
2.8
Quality Factor Q (k)
70
150
16
Shunt Capacitance C0 (pF)
0.7
0.7
1.4
Calibration Tolerance1
±100 to ±30 ppm, or tighter as
required
Load Capacitance
9 pF (unless specified otherwise)
Drive Level
200 µW MAX
Frequency-Temperature
±50 ppm to ±10 ppm (Commercial)
Stability1,2
±50 ppm to ±20 ppm (Industrial)
±100 ppm to ±30 ppm (Military)
Aging, first year
3 ppm MAX (better than 1 ppm available)
Shock, survival
5,000 g, 0.3 ms, 1/2 sine
Vibration, survival3
20 g, 10-2,000 Hz swept sine
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature
260OC for 20 sec.
1. Other tolerances available. Contact factory.
2. Does not include calibration tolerance. The characteristics of the frequency stability over
temperature follow that of the AT thickness-shear mode.
3. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
—
/
—
/
100
/
I
Frequency
M = MHz
SM1 = Gold Plated
(Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated
(Lead Free)
SM5 = Solder Dipped
(Lead Free)
Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 250C
(in ppm)
Total
Frequency
Tolerance
(in ppm)
Operating Temp. Range:
C = -10OC to +70OC
I = -40OC to +85OC
M = -55OC to +125OC
S = Customer Specified
OR
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
PACKAGING OPTIONS
• Tray Pack
• 12 mm tape, 7”or 13” reels
Per EIA 481 (see Tape and Reel data sheet 10109)
CX11
S
C
SM1
—
24.0M
,
50
/
50
/
—
/
I
Blank = Standard
S = Special or
custom
Note: Crystals with SM1, SM4 or SM5 terminations are Pb-free.
Crystals with SM2 or SM3 terminations contain Pb.
10179 Rev B
EQUIVALENT CIRCUIT
Blank = Glass Lid
T = Thin Glass Lid
C = Ceramic Lid



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com