Electronic Components Datasheet Search
  English  ▼

X  

3005073 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 3005073
Description  Extract from the online catalog
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3005073 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 3005073 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3005073 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3005073 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3005073 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3005073 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3005073 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3005073 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3005073 Datasheet HTML 9Page - List of Unclassifed Manufacturers 3005073 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Accessories
Item
Designation
Description
Assembly
3003224
ATP-UK
Separating plate, for visual and electrical separation of terminal
groups, width: 1.5 mm, color: Gray
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15
mounting rail, can be fitted with Zack strip ZB 8 and ZB 8/27,
terminal strip marker KLM 2 and KLM, width: 9.5 mm, color: gray
3003020
D-UK 4/10
Cover, width: 1.8 mm, color: gray
3003101
D-UK 4/10 BU
Cover, width: 1.8 mm, color: blue
1201442
E/UK
End clamp, for supporting the electronic base. If mounted
vertically, 2 end clamps are required in each case
1201028
NS 32 AL UNPERF 2000MM
G rail 32 mm (NS 32)
1201280
NS 32 CU/120QMM UNPERF
2000MM
G-profile DIN rail, deep-drawn, material: Copper, unperforated,
height 15 mm, width 32 mm, length 2 m
1201358
NS 32 CU/35QMM UNPERF
2000MM
G-profile DIN rail, material: Copper, unperforated, height 15 mm,
width 32 mm, length 2 m
1201002
NS 32 PERF 2000MM
G-profile DIN rail, material: Steel, perforated, height 15 mm,
width 32 mm, length 2 m
1201015
NS 32 UNPERF 2000MM
G-profile DIN rail, material: Steel, unperforated, height 15 mm,
width 32 mm, length 2 m
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width
35 mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, perforated, height 7.5 mm, width 35
mm, length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF
2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m
1201895
NS 35/15 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, 1.5 mm thick, height 15
mm, width 35 mm, length: 2 m
1201730
NS 35/15 PERF 2000MM
DIN rail, material: Steel, perforated, height 15 mm, width 35 mm,
length: 2 m
1201714
NS 35/15 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 15 mm, width 35
mm, length: 2 m
1201798
NS 35/15-2,3 UNPERF
2000MM
DIN rail, material: Steel, unperforated, 2.3 mm thick, height 15
mm, width 35 mm, length: 2 m
0204110
STL 10N/5N
Step bracket, 2-pos.
1302215
TS-K
Separating plate, for electrical separation of neighboring bridges,
can be fitted later, no loss of pitch, color: Gray
Bridges
0203153
EB 2-10
Insertion bridge, 2-pos., fully insulated
0203328
EB 3-10
Insertion bridge, 3-pos., fully insulated
0203137
EB 10-10
Insertion bridge, 10-pos., divisible, fully insulated
0203195
FB 2-10
Fixed bridge, 2-pos., divisible, with screws, screw heads without
insulation
0203140
FB 3-10
Fixed bridge, for cross connections, with screws, screw heads
without insulation, 3-pos.
UK 10 N
PHOENIX CONTACT GmbH & Co. KG
http://www.phoenixcontact.com
Oct 25, 2006
Page 7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com