Electronic Components Datasheet Search
  English  ▼

X  

CXOMKHT Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CXOMKHT
Description  HIGH TEMPERATURE OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOMKHT Datasheet(HTML) 2 Page - STATEK CORPORATION

  CXOMKHT Datasheet HTML 1Page - STATEK CORPORATION CXOMKHT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10180 - Rev D
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V
DD
-0.5 V to 7.0 V*
Storage Temperature
-55
OC to 125OC
Maximum Process Temperature
260
OC, 20 seconds
HOW TO ORDER CXOHT, CXOMKHT and CXOXHT OSCILLATORS
CXOXHT
4
S
E
SM3
20.0M,
/
/ 200
/
H
Frequency
Stability over
Temp. Range
(in ppm)
“S” if special or
custom design.
Blank if Std.
Enable/Disable
Option E or T
or N
50
/
175
/
/
H
Temp. Range:
H = 25
0C to
200
0C
S = Customer
Specified Temp.
Range
Total
Frequency
Tolerance
(in ppm)
Frequency
M = MHz
K = kHz
Calibration
Tolerance
@ 25
0C
(in ppm)
OR
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available. Please contact factory.
Supply Voltage
1
3.3 V ± 10%
5.0 V ± 10%
Calibration Tolerance
± 50 ppm, or tighter as required
Frequency Stability
± 100 ppm for 25
OC to 150OC
Over Temperature
± 150 ppm for 25
OC to 175OC
± 175 ppm for 25
OC to 200OC
Total Tolerance
2
± 200 ppm for 25
OC to 200OC
Supply Current (Typical)
3.3 V
5.0 V
24 MHz
3.0 mA
8.0 mA
32 MHz
5.0 mA
10.0 mA
50 MHz
6.0 mA
14.0 mA
Output Load (CMOS)
15 pF
Start-up Time
5 ms MAX
Rise/Fall Time
10 ns MAX
Duty Cycle*
40% MIN, 60% MAX
Aging, first year
5 ppm MAX at 25
OC
Aging
100 ppm MAX at 200
OC
Shock, survival
3
Std: 3,000 g, 0.3 ms, 1/2 sine
HG: 10,000 g, 0.3 ms, 1/2 sine
Vibration, survival
4
20 g, 10-2,000 Hz swept sine
Operating Temp Range
5
-55
OC up to 200OC
1. All frequencies, voltages, temperature ranges and enable/disable options may not be
available. Contact factory.
2. Total Tolerance = Calibration Tolerance + Frequency Stability over temperature.
3. For CXOHT and CXOMHT oscillators only. The specification for std. CXOXHT
oscillators is 5,000 g and for CXOXHTHG it is 10,000 g.
4. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing available.
5. Expected life at 200ºC is in excess of 1,500 hours.
Note: All parameters are measured at ambient temperature with a 10 M
Ω, 15 pF load.
*Tighter duty cycle available. Contact factory.
PACKAGING OPTIONS
CXOHT, CXOMKHT, CXOXHT - Tray Pack
- 16 mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet # 10109)
HG = High Shock
otherwise leave
blank.
Terminations
Blank = SM1
= Gold Plated
SM5 = Solder Dipped
(Lead Free)
Temp. Range:
H = 25
0C to 2000C
S = Customer
Specified Temp.
Range
Total Frequency
Tolerance (in
ppm)
Calibration
Tolerance
@ 25
0C
(in ppm)
Frequency
Stability over
Temp. Range
(in ppm)
ENABLE/DISABLE OPTIONS (E/T/N)
Statek offers three enable/disable options: E, T, and N.
Both the E-version and T-version have Tri-State outputs and
differ in whether the oscillator continues to run internally
when the output is put into the high Z state: it stops in the
E-version and continues to run in the T-version. So, the E-
version offers very low current consumption when the
oscillator is disabled and the T-version offers very fast output
recovery when the oscillator is re-enabled. The N-version
does not have PIN 1 connected internally and so has no
enable/disable capability. The following table summarizes
the three options.
COMPARISON OF
ENABLE/DISABLE OPTIONS E AND T
ET
When enabled (PIN 1 is high*)
Output
Freq. output
Freq. output
Oscillator
Oscillates
Oscillates
Current consumption
Normal
Normal
When disabled (PIN 1 is low)
Output
High Z state
High Z state
Oscillator
Stops
Oscillates
Current consumption
Very low
Lower than normal
When re-enabled (PIN 1 changes from low to high)
Output recovery
Delayed
Immediate
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
Supply Voltage
4 = 3.3 V
5 = 5.0 V
CXOHT
CXOMKHT
CXOXHT
*The supply voltage range is -0.5 V to +4.0 V for some products. Contact Factory.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com