Electronic Components Datasheet Search
  English  ▼

X  

6806 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 6806
Description  DC TO 2, 4 AND 8 GHz, COAXIAL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

6806 Datasheet(HTML) 1 Page - API Technologies Corp

  6806 Datasheet HTML 1Page - API Technologies Corp 6806 Datasheet HTML 2Page - API Technologies Corp 6806 Datasheet HTML 3Page - API Technologies Corp 6806 Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
PHASE SHIFTER
SPECIFICATION
DC TO 2, 4 AND 8 GHz, COAXIAL
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
6706,7,8 SERIES
6806,8 SERIES
SPECIFICATIONS
Model
6706
6806
6707
6708
6808
Frequency Range (GHz)
DC-2
DC-2
DC-4
DC-8
DC-8
Phase Shift, min (o/GHz)
290
290
145
72
72
Phase Shift, min (o/GHz/Shaft Turn)
9.7
9.7
4.9
2.4
2.4
Insertion Phase Nom @ Min Phase Setting (o/GHz)
540
550
290
170
180
Number of Turns, min
30
30
30
30
30
VSWR max
1.35
1.35
1.60
1.60
1.60
Insertion Loss, max (dB)
0.7
0.7
0.7
0.7
0.7
Power
Average (Watts)
100
100
100
100
100
Peak (Watts)
1000
1000
1000
1000
1000
Time Delay, nom @ Min Phase Setting (nsec)
1.5
1.5
0.8
0.45
0.45
Weight
Ounces
8.3
9.3
4.8
3.1
4.3
Grams
235
263
136
88
122
NOTES:
1.
1 Degree per GHz of Phase Shift equals 2.78 picoseconds of time delay.
2.
Average and Peak Power are given at ambient temperature and altitude with Type SMA Connectors. Power is further limited by the power
threshold level of selected connector style.
FEATURES
• Type SMA Connectors Standard
• Options from DC to 8 GHz
• High Performance, Trough line Style Structure
• Military Grade Materials and Processing
• -40 to + 125ºC Operating Temperature Range


Similar Part No. - 6806

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6806 FILTRONIC-6806 Datasheet
159Kb / 4P
PHASE SHIFTER DC TO 2,4 AND 8 GHZ, COAXIAL
logo
Tyco Electronics
68064 MACOM-68064 Datasheet
157Kb / 4P
TERMI-FOIL HEAVY-DUTY HAND CRIMPING TOOL 68064
68068 MACOM-68068 Datasheet
659Kb / 17P
Pneumatic Tools
68068-1 MACOM-68068-1 Datasheet
659Kb / 17P
Pneumatic Tools
logo
Emerson Network Power
6806800M10D EMERSON-NETWORKPOWER-6806800M10D Datasheet
2Mb / 104P
Installation and Use
August 2011
More results

Similar Description - 6806

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
6808 APITECH-6808 Datasheet
213Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6804 APITECH-6804 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6803 APITECH-6803 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6708 APITECH-6708 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL
6707 APITECH-6707 Datasheet
213Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6706 APITECH-6706 Datasheet
145Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6704 APITECH-6704 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6703 APITECH-6703 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6702 APITECH-6702 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6603 APITECH-6603 Datasheet
175Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com