Electronic Components Datasheet Search
  English  ▼

X  

36914000000 Datasheet(PDF) 1 Page - Littelfuse

Part # 36914000000
Description  Radial Lead Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

36914000000 Datasheet(HTML) 1 Page - Littelfuse

  36914000000 Datasheet HTML 1Page - Littelfuse 36914000000 Datasheet HTML 2Page - Littelfuse 36914000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
163
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
369 Series
TE5® > Time-Lag > 369 Series
Please refer to www.littelfuse.com/series/369.html for current information.
369 Series, TE5®,Time-Lag Fuse
Features
Description
Lead-free
TE5
®
Applications
Electrical Characteristics for Series
% of Ampere
Rating
Opening Time
%
%
%
%
Agency Approvals
Agency
Agency File Number
Ampere Range
Electrical Characteristics Specifications by Item
Power
Dissipation
1.5 x IN
max. (mW)
Melting
Integral
10 x IN
min. (A2s)
Agency Approvals
Voltage
Drop
1.0 x IN
max. (mV)
Amp
Code
Amp
Rating
(A)
Breaking Capacity
Voltage
Rating
(V)
0800
1100
1160
1200
1315
1400
1500
1630
0.800
1.00
1.60
2.00
3.15
4.00
5.00
6.30
300
300
300
300
300
300
300
300
110
115
95
90
80
75
70
65
280
400
600
700
1100
1200
1000
1200
3.80
5.80
13.50
21.00
55.00
100.00
90.00
126.00
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
50A@300VAC
50-60Hz/cos =1
Revised: March 10, 2011


Similar Part No. - 36914000000

ManufacturerPart #DatasheetDescription
logo
Heyco.
3691 HEYCO-3691 Datasheet
108Kb / 1P
Nylon PCB Supports - Stackable Self-Retaining Spacers
logo
Adafruit Industries
3691 ADAFRUIT-3691 Datasheet
842Kb / 2P
Panel‐Mount Banana Jacks 4mm ‐ Pack of 5 Multi‐ Color
1-23-18
logo
Littelfuse
3691.000000 LITTELFUSE-3691.000000 Datasheet
173Kb / 3P
Radial Lead Fuses
3691.000440 LITTELFUSE-3691.000440 Datasheet
173Kb / 3P
Radial Lead Fuses
3691.600000 LITTELFUSE-3691.600000 Datasheet
173Kb / 3P
Radial Lead Fuses
More results

Similar Description - 36914000000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
275020 LITTELFUSE-275020 Datasheet
76Kb / 2P
Axial and Radial Lead Fuses
logo
Cooper Bussmann, Inc.
SR-5 COOPER-SR-5 Datasheet
370Kb / 2P
Radial lead through-hole fuses
logo
Littelfuse
3691.000000 LITTELFUSE-3691.000000 Datasheet
173Kb / 3P
Radial Lead Fuses
383 LITTELFUSE-383 Datasheet
172Kb / 3P
Radial Lead Fuses
39208000000 LITTELFUSE-39208000000 Datasheet
204Kb / 3P
Radial Lead Fuses
0275030.M- LITTELFUSE-0275030.M- Datasheet
85Kb / 2P
Axial and Radial Lead Fuses
37215000411 LITTELFUSE-37215000411 Datasheet
221Kb / 4P
Radial Lead Fuses
39511000000 LITTELFUSE-39511000000 Datasheet
196Kb / 3P
Radial Lead Fuses
39516300440 LITTELFUSE-39516300440 Datasheet
205Kb / 4P
Radial Lead Fuses
400 LITTELFUSE-400 Datasheet
999Kb / 3P
Radial Lead Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com