Electronic Components Datasheet Search
  English  ▼

X  

36915000000 Datasheet(PDF) 3 Page - Littelfuse

Part # 36915000000
Description  Radial Lead Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

36915000000 Datasheet(HTML) 3 Page - Littelfuse

  36915000000 Datasheet HTML 1Page - Littelfuse 36915000000 Datasheet HTML 2Page - Littelfuse 36915000000 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
165
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Radial Lead Fuses
369 Series
TE5® > Time-Lag > 369 Series
Please refer to www.littelfuse.com/series/369.html for current information.
Packaging
369 Series
Tape & Ammopack
Short Leads
0000
0440
1,400
1,400
N/A
N/A
N/A
N/A
Dimensions
Part Numbering System
369 xxxx 0000
Series
Amp Code
Refer to Amp Code column of
Electrical Characteristics Table
Packaging Code
0000 Tape/Ammopack (1,400pcs.)
0440 Short Leads - Bulk (1,400pcs.)
8.5
max.4
5.08
0.6
1.5
Holes in PCB
Long Leads (L=18.8mm)
Short Leads (L=4.3mm)
Climatic Category
-40°C / +85°C / 21days
(EN60068-1,-2-1,-2-2,-2-78)
Stock Condition
+10°C to +60°C
relative humidity 75% yearly average,
without dew, maximum value for 30 days-95%
Vibration Resistance
24 cycles at 15min. Each (EN60068-2-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10g acceleration
Product Characteristics
Operating Temperature
-40°C to +85°C (considerde-rating)
Materials
Base/Cap: Brown Thermoplastic
Polyamide PA6.6, UL 94 V0
Round Pins: Tin-plated Copper
Lead Pull Strength
10 N (IEC 60068-2-21)
Solderability
260°C, ≤ 3s (Wave)
350°C, ≤ 1s (Soldering Iron)
Soldering Heat
Resistance
260°C, 10s (IEC60068-2-20)
350°C, 3s (Soldering Iron)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com