Electronic Components Datasheet Search
  English  ▼

X  

6803 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 6803
Description  DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

6803 Datasheet(HTML) 1 Page - API Technologies Corp

  6803 Datasheet HTML 1Page - API Technologies Corp 6803 Datasheet HTML 2Page - API Technologies Corp 6803 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
PHASE SHIFTER
SPECIFICATION
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
6602,3,4 SERIES
6702,3,4 SERIES
6802,3,4 SERIES
SPECIFICATIONS
Model
6602
6702
6802
6603
6703
6803
6604
6704
6804
Frequency Range (GHz)
DC-2
DC-2
DC-2
DC-4
DC-4
DC-4
DC-8
DC-8
DC-8
Phase Shift, min (o/GHz)
290
290
290
190
190
190
95
95
95
Phase Shift, min (o/GHz/Shaft Turn)
5.7
5.7
5.7
5.7
3.8
5.7
1.9
1.9
1.9
Insertion Phase, Nominal
@ Min Phase Setting (o/GHz)
950
950
980
790
700
820
450
450
480
Number of Turns, min
50
50
48
33
50
32
50
50
48
VSWR max
1.35
1.35
1.35
1.60
1.60
1.60
2.00
2.00
2.00
Insertion Loss, max (dB)
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
1.0
Power
Average (Watts)
350
350
350
350
350
350
350
350
350
Peak (Watts)
2500
2500
2500
2500
2500
2500
2500
2500
2500
Time Delay, Nominal @ Min Phase
Setting (nsec)
2.6
2.6
2.7
2.2
1.9
2.3
1.2
1.2
1.3
Length (L)
Inches
6.55
9.55
6.35
4.93
6.94
4.73
6.55
9.55
6.35
Centimeters
16,64
24,26
16,13
12,52
17,63
12,01
16,64
24,26
16,13
Length (L1)
Inches
---
9.17
---
---
6.56
---
---
9.17
---
Centimeters
---
23,29
---
---
16,66
---
---
23,29
---
Weight
Ounces
33
45
38
27
42
32
42
46
40
Grams
934
1274
1075
764
1188
906
1189
1302
1132
NOTES:
1.
1 Degree per GHz of Phase Shift equals 2.78 picoseconds of time delay.
2.
Average and Peak Power are given at ambient temperature and altitude with Type N Connectors. Power is further limited by the power
threshold level of selected connector style.
FEATURES
• Type N Connectors Standard
• Options from DC to 8 GHz
• High Power, Trombone Style Coaxial Structure
• Military Grade Materials and Processing
• -40 to +125º C Operating Temperature Range


Similar Part No. - 6803

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
6803 GILWAY-6803 Datasheet
33Kb / 1P
T- Subminiature Lamps
logo
Filtronic Compound Semi...
6803 FILTRONIC-6803 Datasheet
148Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHZ, COAXIAL HIGH POWER
logo
Pomona Electronics
6803 POMONA-6803 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
logo
FCI connector
68030 FCI-CONNECTOR-68030 Datasheet
286Kb / 3P
54020-68030LF - PLCC Through Hole Sockets
68031-XYY FCI-CONNECTOR-68031-XYY Datasheet
707Kb / 8P
BERGSTIK II HEADER .100/2.54cc SR STRAIGHT
More results

Similar Description - 6803

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
6808 APITECH-6808 Datasheet
213Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6806 APITECH-6806 Datasheet
213Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6804 APITECH-6804 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6708 APITECH-6708 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL
6707 APITECH-6707 Datasheet
213Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6706 APITECH-6706 Datasheet
145Kb / 4P
DC TO 2, 4 AND 8 GHz, COAXIAL
6704 APITECH-6704 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6703 APITECH-6703 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6702 APITECH-6702 Datasheet
175Kb / 3P
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
6603 APITECH-6603 Datasheet
175Kb / 3P
PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com