Electronic Components Datasheet Search
  English  ▼

X  

6709 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 6709
Description  DC TO 1 GHz, COAXIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

6709 Datasheet(HTML) 2 Page - API Technologies Corp

  6709 Datasheet HTML 1Page - API Technologies Corp 6709 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRODUCT
PHASE SHIFTER
SPECIFICATION
DC TO 1 GHz, COAXIAL
API Technologies RF2M
 8 Executive Drive  Hudson, NH 03051
Phone: 888-553-7531
 Fax: 603.459.1605
micro.apietech.com
ORDERING INFORMATION
DRIVE SHAFT AND CONNECTOR OPTIONS:
1.
Only the following standard control options are available. The base model is available without additional options.
2.
Add suffix as designated below to the ordering model number.
MODEL # PLUS
DESCRIPTION
-1
Shaft Lock
-2
Turns Counter With Built In Shaft Lock
-4
Screw Driver Slot
-5
Control Knob
-14
Shaft Lock With Screw Driver Slot
-15
Shaft Lock With Control Knob
(-1) SHAFT LOCK
(-2) TURNS COUNTER W/ SHAFT LOCK
(-5) CONTROL KNOB
MISCELLANEOUS:
1.
API Technologies “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision – 010813
OUTLINE DRAWING
D= 0.5” L=0.65



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com