Electronic Components Datasheet Search
  English  ▼

X  

TS6 Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # TS6
Description  Miniature Quartz Temperature Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

TS6 Datasheet(HTML) 1 Page - STATEK CORPORATION

  TS6 Datasheet HTML 1Page - STATEK CORPORATION TS6 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The TS Quartz Temperature Sensors are tuning-fork quartz
crystals vibrating in a torsional mode. They are designed so
that their frequency is both extremely sensitive to
temperature and highly linear. For example, the 172.0 kHz
design has a sensitivity of roughly +46.4 ppm/OC. This high
sensitivity offers the ability to detect fine changes in
temperature; the degree depending on the implementation.
Further, this frequency-based technique has the advantage
of being immune to amplitude noise in the measurement
system; a feature not shared by thermocouple, thermistor,
or RTD based temperature sensing techniques. Lastly,
remote temperature sensing is possible by using an antenna
to pick up the frequency of the EM waves emitted by the
sensor.
FEATURES
Frequency-based sensing
High shock resistance
Low aging
Designed and manufactured in the USA
APPLICATIONS
High resolution temperature measurement
Temperature-critical process control/monitoring
Wireless temperature measurement
Human health monitoring
TS Series
Miniature Quartz
Temperature Sensor
160 kHz to 350 kHz
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
DIMENSIONS
For detailed dimensions and lead spacing see
Statek CX1 (10121), CX1 (10101), CX1-CX2
(10202), CX2 (10134), CX2 (10138), CX3
(10104), and CX6 (10132) data sheets.
TS1
TS3
02
(TS2 only)
03 & 06
(TS1 & TS2)
04 & 07
(TS2 only)
TS6
TS2
TS1 AND TS2 AVAILABLE WITH THE
FOLLOWING LEAD CONFIGURATIONS:
10162 - Rev B
SMD TERMINATIONS
Designation Termination
SM1
Gold Plated
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)


Similar Part No. - TS6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS6 VISHAY-TS6 Datasheet
106Kb / 4P
Multi-Turn Surface Mount Miniature 1/4" Square Ceremt Trimmers, Fully Sealed
26-Jun-07
TS6 VISHAY-TS6 Datasheet
116Kb / 5P
Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
22-Sep-15
TS6 VISHAY-TS6 Datasheet
97Kb / 5P
Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
22-Sep-15
logo
Tyco Electronics
TS6-1Y MACOM-TS6-1Y Datasheet
79Kb / 2P
DC SOLID STATE RELAYS
TS600 MACOM-TS600 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
More results

Similar Description - TS6

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
Miniature Quartz Halogen Lamps
logo
Maxim Integrated Produc...
AN884 MAXIM-AN884 Datasheet
289Kb / 6P
Miniature Flow Sensor Has Electronic Temperature Compensation
Dec 13, 2001
logo
Gilway Technical Lamp
L9389 GILWAY-L9389 Datasheet
124Kb / 2P
Miniature Quartz Halogen Lamps
logo
Advanced XTAL Products
PTK-01 AXTAL-PTK-01 Datasheet
177Kb / 1P
QUARTZ TEMPERATURE TRANSDUCER
logo
ECS, Inc.
ECS-3X10 ECS-ECS-3X10 Datasheet
77Kb / 1P
HIGH FREQUENCY MINIATURE QUARTZ CRYSTALS
logo
STATEK CORPORATION
CX103 STATEK-CX103 Datasheet
131Kb / 2P
Miniature Quartz Crystal
logo
List of Unclassifed Man...
NKS7-082-20 ETC2-NKS7-082-20 Datasheet
71Kb / 2P
Miniature Quartz Crystals
logo
Advanced XTAL Products
RKMA-P-OS-21 AXTAL-RKMA-P-OS-21 Datasheet
149Kb / 2P
Quartz Pressure Sensor
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com