Electronic Components Datasheet Search
  English  ▼

X  

6602 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 6602
Description  PHASE SHIFTER DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

6602 Datasheet(HTML) 2 Page - API Technologies Corp

  6602 Datasheet HTML 1Page - API Technologies Corp 6602 Datasheet HTML 2Page - API Technologies Corp 6602 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRODUCT
PHASE SHIFTER
SPECIFICATION
DC TO 2, 4 AND 8 GHz, COAXIAL HIGH POWER
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
OUTLINE DRAWINGS
MODELS 6702, 6703, 6704
MODELS 6602, 6603, 6604
MODELS 6702, 6703, 6704



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com