Electronic Components Datasheet Search
  English  ▼

X  

C1700RO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C1700RO
Description  1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C1700RO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C1700RO Datasheet HTML 1Page - List of Unclassifed Manufacturers C1700RO Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
tel: +44 (0)20 8979 3232 • Arcolectric • email: europe@elektron-technology.com
TERMINAL FUNCTION ACTUATOR BODY OPTIONS
C 1750 H O - - -
36
17.5
H
R
The switch is on between centre
terminals (2 & 5) and
the terminals over which the lever
is positioned.
16.4
13.8
C
6.3 x 0.8
H
4.8 x 0.8
K
2.8 x 0.8
T
Solder
X
PCB 0.8 Sq
ACTUATOR
FUNCTION
Single pole
Double pole
TERMINAL
1700
1750
ON - OFF
1710 µ
1760 µ
ON - ON
1720 µ
1770 µ
ON - OFF - ON
1721 µ
ON - OFF -ON
(momentary 1 side)
1722 µ
ON - OFF - ON
(momentary 2 sides)
16(4)A 250Vac T85
UL 20A 250Vac Non Ind (Single pole)
UL 16A 250Vac Non Ind (Double pole)
UL CSA (2 pos types) 250Vac 1hp, 125Vac 1/2hp
UL CSA (3 pos types) 250Vac 1/2hp, 125Vac 1/4hp
CSA 16A 250Vac Non Ind
UL 85˚C, file E45221, CSA file LR10990
UL and CSA N/A on momentary types
Selective “A, B, C” and “OFF, A, A+B” circuits at 5 amp also available.
3mm contact gap except where marked µ.
Technical data on pages 4 & 5.
9.1
9.1
9.1
2.0
1.2
7.0
Ø2.1
9.1
4.0
12
3
1
23
4
56
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
Nylon toggle switches
Ratings up to 20A,
250V ac
Single and double
pole
Wide choice of
terminals
Choice of circuit
options including 3
position
Flat & round actuator
options
Approvals and specifications
10-Cat171_P034-038|Toggle Switches:Cat No.171_Oct 2011
16/11/11
10:13
Page 36


Similar Part No. - C1700RO

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C1700 GENERAL-C1700 Datasheet
60Kb / 1P
COMMAND SERIES
logo
3M Electronics
C1700SS 3M-C1700SS Datasheet
137Kb / 2P
3M MicroTouch Display
C1700SS-0410 3M-C1700SS-0410 Datasheet
137Kb / 2P
3M MicroTouch Display
More results

Similar Description - C1700RO

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6017 MICRONETICS-6017 Datasheet
40Kb / 1P
SINGLE POLE, DOUBLE THROW CONNECTORIZED SWITCHES
logo
GREATECS
MP4 GREATECS-MP4 Datasheet
174Kb / 1P
Micro Switches 16A 125/250VAC
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
SINGLE POLE AND DOUBLE POLE
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
L167-B ETC2-L167-B Datasheet
181Kb / 2P
10A 250Vac Single Double Pole
logo
E-SWITCH
34-PP1DB72A2 E-SWITCH-34-PP1DB72A2 Datasheet
95Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
34-PP1EB71A2 E-SWITCH-34-PP1EB71A2 Datasheet
60Kb / 1P
UL 16A 125VAC, 12A 250VAC, 1HP/250VAC
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
Single and Double Pole
logo
Carling Technologies
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
Single/Double Pole Lighted Rocker & Paddle Switches
2FA54-73 CARLINGTECH-2FA54-73 Datasheet
435Kb / 3P
Single Pole Toggle Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com