Electronic Components Datasheet Search
  English  ▼

X  

C1721RO Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C1721RO
Description  1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C1721RO Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C1721RO Datasheet HTML 1Page - List of Unclassifed Manufacturers C1721RO Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
tel: +44 (0)20 8979 3232 • Arcolectric • email: europe@elektron-technology.com
Neck Seal A0539MOAAA
Material - Nitrile
(H & R Actuators)
Actuator visible
Cover A1080MOAAA
Material - EPDM
(R Actuator only)
Cover A0331MOAAA
Material - PVC
(R Actuator only)
Covers have internal nylon nuts
Fixing nuts (Standard is M506 & T92)
T5 Hex brass
M506 Hex nylon
T92 Knurled brass -
slotted
M279 Knurled nylon
37
30.2
25.0
19.2
10.0
Keyway
Thread: 15/32” x 32TPI
Double Pole
(C terminals shown)
Optional terminal barrier M441.
0FF
0N
Optional
F00232PAAA
plate SP or DP
O
Single pole
O
Double pole
Panel hole (all types)
Panel thickness (Max)
Both nuts - 3.5mm
Less backnut - 6.5mm
19.2
10.0
Keyway
Thread: 15/32” x 32TPI
Ø12.7
11.1
1.3
12.2
10.0
Keyway
Thread: 15/32” x 32TPI
BODY
OPTIONS
25.5
13.7
12.2
10.0
Keyway
Thread: 15/32” x 32TPI
Single Pole
(C terminals shown)
DIMENSIONS (mm)
16.2
4.1
16.0
2.6
15.2
3.0 (M506)
2.0 (T5)
1A 2A
3A
4B 5B
6B
1A 2A
3A
4B 5B
6B
Without barrier
With barrier
C1700R - -
C1760R - -
C1700H - -
C1750H - -
10-Cat171_P034-038|Toggle Switches:Cat No.171_Oct 2011
16/11/11
10:13
Page 37



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com