| Electronic Components Datasheet Search |
|
EEE0GS220SR Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EEE0GS220SR Datasheet(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 5 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ S – EEE-12 – ■ Standard Products W.V. Cap. (±20 %) Case size Specification Part No. (RoHS:compliant) Reflow Min. Packaging Q'ty Dia. Length ✽Size Code Ripple Current (120 Hz) (+85 °C) tan d (120 Hz) (+20 °C) Endurance Taping (V) (μF) (mm) (mm) (mA r.m.s.) (hours) (pcs) 50 0.1 3 5.4 A 1 0.14 1000 EEE1HS0R1SR ✽✽ (1) 2000 4 5.4 B 1 0.12 2000 EEE1HA0R1SR ✽✽✽ (1) 2000 0.22 3 5.4 A 2 0.14 1000 EEE1HSR22SR ✽✽ (1) 2000 4 5.4 B 2 0.12 2000 EEE1HAR22SR ✽✽✽ (1) 2000 0.33 3 5.4 A 3 0.14 1000 EEE1HSR33SR ✽✽ (1) 2000 4 5.4 B 3 0.12 2000 EEE1HAR33SR ✽✽✽ (1) 2000 0.47 3 5.4 A 5 0.14 1000 EEE1HSR47SR ✽✽ (1) 2000 4 5.4 B 5 0.12 2000 EEE1HAR47SR ✽✽✽ (1) 2000 1 3 5.4 A 8 0.14 1000 EEE1HS010SR ✽✽ (1) 2000 4 5.4 B 10 0.12 2000 EEE1HA010SR ✽✽✽ (1) 2000 2.2 3 5.4 A 8 0.14 1000 EEE1HS2R2SR ✽✽ (1) 2000 4 5.4 B 16 0.12 2000 EEE1HA2R2SR (1) 2000 3.3 4 5.4 B 16 0.12 2000 EEE1HA3R3SR (1) 2000 4.7 4 5.4 (B) 18 0.14 1000 EEE1HA4R7WR (1) 2000 5 5.4 C 23 0.12 2000 EEE1HA4R7SR (1) 1000 10 5 5.4 (C) 27 0.14 1000 EEE1HA100WR (1) 1000 6.3 5.4 D 35 0.12 2000 EEE1HA100SP (1) 1000 22 6.3 5.4 (D) 40 0.14 1000 EEE1HA220WP (1) 1000 8 6.2 E 120 0.12 2000 EEE1HA220P (2) 1000 33 6.3 7.7 D8 85 0.12 2000 EEE1HA330XP (1) 900 8 6.2 (E) 65 0.12 2000 EEE1HA330UP (2) 1000 8 10.2 F 110 0.12 2000 EEE1HA330P (2) 500 47 6.3 7.7 D8 105 0.12 2000 EEE1HA470XP (1) 900 8 10.2 (F) 110 0.12 2000 EEE1HA470UP (2) 500 10 10.2 G 130 0.12 2000 EEE1HA470P (2) 500 100 8 10.2 (F) 200 0.12 2000 EEE1HA101UP (2) 500 10 10.2 G 250 0.12 2000 EEE1HA101P (2) 500 220 10 10.2 G 300 0.12 2000 EEE1HA221P (2) 500 63 22 8 6.2 (E) 40 0.18 2000 EEE1JA220UP (2) 1000 8 10.2 F 40 0.18 2000 EEE1JA220P (2) 500 33 8 10.2 F 45 0.18 2000 EEE1JA330P (2) 500 47 8 10.2 (F) 45 0.18 2000 EEE1JA470UP (2) 500 10 10.2 G 45 0.18 2000 EEE1JA470P (2) 500 100 10 10.2 G 60 0.18 2000 EEE1JA101P (2) 500 100 3.3 8 6.2 E 50 0.18 2000 EEE2AA3R3P (2) 1000 4.7 8 6.2 (E) 50 0.18 2000 EEE2AA4R7UP (2) 1000 10 8 6.2 (E) 50 0.18 2000 EEE2AA100UP (2) 1000 8 10.2 F 85 0.18 2000 EEE2AA100P (2) 500 22 8 10.2 (F) 55 0.18 2000 EEE2AA220UP (2) 500 10 10.2 G 85 0.18 2000 EEE2AA220P (2) 500 33 10 10.2 G 90 0.18 2000 EEE2AA330P (2) 500 ✽ Size code( ):Miniaturization product ✽✽ Please kindly accept last shipment : 31/Mar/2014 ✽✽✽ Please kindly accept last shipment : 31/Mar/2015 · Please refer to the page of “Reflow Profile” and “The Taping Dimensions”. · When requesting vibration-proof product, please put the last “V” instead to “P” 01 Sep. 2013 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |