Electronic Components Datasheet Search
  English  ▼

X  

STM8S005C6T6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM8S005C6T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005C6T6 Datasheet(HTML) 4 Page - STMicroelectronics

  STM8S005C6T6 Datasheet HTML 1Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 2Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 3Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 4Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 5Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 6Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 7Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 8Page - STMicroelectronics STM8S005C6T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
List of tables
Table 1. STM8S005xx value line features ................................................................................................8
Table 2. Peripheral clock gating bit assignments in CLK_PCKENR1/2 registers ..................................13
Table 3. TIM timer features
...................................................................................................................15
Table 4. Legend/abbreviations for pinout tables
...................................................................................19
Table 5. Pin description for STM8S005 microcontrollers .......................................................................21
Table 6. Flash, Data EEPROM and RAM boundary addresses
............................................................26
Table 7. I/O port hardware register map ................................................................................................26
Table 8. General hardware register map ................................................................................................29
Table 9. CPU/SWIM/debug module/interrupt controller registers ..........................................................39
Table 10. Interrupt mapping ...................................................................................................................42
Table 11. Option bytes
...........................................................................................................................44
Table 12. Option byte description ...........................................................................................................45
Table 13. Description of alternate function remapping bits [7:0] of OPT2 ..............................................47
Table 14. Voltage characteristics ...........................................................................................................50
Table 15. Current characteristics ...........................................................................................................51
Table 16. Thermal characteristics ..........................................................................................................52
Table 17. General operating conditions .................................................................................................53
Table 18. Operating conditions at power-up/power-down ......................................................................54
Table 19. Total current consumption with code execution in run mode at VDD = 5 V .............................55
Table 20. Total current consumption with code execution in run mode at VDD = 3.3 V ..........................66
Table 21. Total current consumption in wait mode at VDD = 5 V ............................................................58
Table 22. Total current consumption in wait mode at VDD = 3.3 V .........................................................58
Table 23. Total current consumption in active halt mode at VDD = 5 V ..................................................59
Table 24. Total current consumption in active halt mode at VDD = 3.3 V ...............................................60
Table 25. Total current consumption in halt mode at VDD = 5 V .............................................................61
Table 26. Total current consumption in halt mode at VDD = 3.3 V ..........................................................61
Table 27. Wakeup times .........................................................................................................................61
Table 28. Total current consumption and timing in forced reset state ....................................................92
Table 29. Peripheral current consumption .............................................................................................63
Table 30. HSE user external clock characteristics .................................................................................66
Table 31. HSE oscillator characteristics .................................................................................................67
Table 32. HSI oscillator characteristics ..................................................................................................68
Table 33. LSI oscillator characteristics ...................................................................................................70
Table 34. RAM and hardware registers ..................................................................................................70
Table 35. Flash program memory/data EEPROM memory ....................................................................71
Table 36. I/O static characteristics .........................................................................................................72
Table 37. Output driving current (standard ports) ..................................................................................74
Table 38. Output driving current (true open drain ports) ........................................................................74
Table 39. Output driving current (high sink ports) ..................................................................................74
Table 40. NRST pin characteristics ........................................................................................................79
Table 41. SPI characteristics ..................................................................................................................81
Table 42. I
2C characteristics ..................................................................................................................84
Table 43. ADC characteristics ................................................................................................................86
Table 44. ADC accuracy with RAIN < 10 kΩ , VDDA= 5 V .......................................................................87
Table 45. ADC accuracy with RAIN < 10 kΩ RAIN, VDDA = 3.3 V ............................................................88
Table 46. EMS data ................................................................................................................................90
Table 47. EMI data .................................................................................................................................91
DocID022186 Rev 3
4/103
STM8S005K6 STM8S005C6
List of tables